I641-63BC3O2-155.520
AI

The part number **I641-63BC3O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies like ILSI (now part of Abracon) or similar frequency control specialists.
---
### 1. Part Number Breakdown
Based on standard industry nomenclature for the I641 series, here is the technical breakdown of the code:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | `I641` | VCXO, 5.0 x 3.2 mm Surface Mount Device (SMD). |
| **Supply Voltage** | `6` | Typically indicates **3.3V DC** operation. |
| **Output Type** | `3` | **LVPECL** (Low-Voltage Positive Emitter-Coupled Logic). |
| **Stability** | `B` | Frequency Stability (often ±50ppm or ±25ppm depending on the datasheet). |
| **Temp Range** | `C` | Operating Temperature, usually **-20°C to +70°C**. |
| **Pullability** | `3O2` | Pull range specification (e.g., ±100ppm or similar). |
| **Frequency** | `155.520` | Operating frequency of **155.520 MHz**. |
---
### 2. Key Technical Specifications
This component is designed for high-speed telecommunications.
* **Frequency:** 155.520 MHz (Standard frequency for OC-3/STM-1 SONET/SDH networks).
* **Package Size:** 5.0mm x 3.2mm (6-pad ceramic package).
* **Logic Output:** LVPECL. This provides high-speed switching with low jitter, ideal for clock distribution.
* **Control Voltage:** Allows the frequency to be adjusted (pulled) by varying the input voltage on Pin 1.
* **Phase Jitter:** Extremely low (sub-picosecond), necessary for high-speed data integrity.
---
### 3. Common Applications
Due to the specific frequency and output logic, this part is used in:
1. **Optical Networking:** SONET, SDH, and Synchronous Ethernet (SyncE).
2. **Base Stations:** Cellular infrastructure requiring precise timing synchronization.
3. **Test Equipment:** High-speed digital oscilloscopes and signal generators.
4. **Phase-Locked Loops (PLLs):** Used as the tunable element in a frequency synthesis circuit.
---
### 4. Typical Pin Configuration
Most 5x3.2mm VCXOs follow this standard 6-pad layout:
| Pin | Function | Description |
| :--- | :--- | :--- |
| 1 | Vc | Control Voltage (Input to adjust frequency). |
| 2 | E/D | Enable/Disable (Tri-state function). |
| 3 | GND | Case Ground. |
| 4 | Output | Main Clock Output. |
| 5 | Output Comp | Complementary Clock Output (Differential). |
| 6 | Vdd | Supply Voltage (+3.3V). |
- ⤷
What is the difference between a VCXO and a standard XO?
- ⤷ How does LVPECL logic compare to LVDS in terms of power consumption?
- ⤷ What are the common alternatives for the 155.520 MHz frequency in networking?