IA0405-R12KA
AI

## Overview of IA0405-R12KA
The **IA0405-R12KA** is an industrial-grade **Inductive Proximity Sensor**. These components are widely used in automation and manufacturing for non-contact detection of metallic objects.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Inductive |
| **Body Shape** | Rectangular / Block Type |
| **Sensing Distance** | 0.8 mm (Standard Range) |
| **Operating Voltage** | 10 - 30 VDC |
| **Output Type** | NPN / PNP (Depending on specific wiring configuration) |
| **Switching Frequency** | Up to 2 kHz |
| **Housing Material** | Nickel-plated brass or Plastic (PA66) |
| **Protection Rating** | IP67 (Dust tight and water immersion resistant) |
---
### Internal Electronic Components
An inductive proximity sensor like the IA0405 series consists of four main functional stages:
1. **Oscillator Circuit**:
Uses an LC (Inductor-Capacitor) tank circuit to generate a high-frequency electromagnetic field that radiates from the sensing face.
2. **Sensing Coil**:
The physical inductor that creates the magnetic field. When a metallic object enters this field, "eddy currents" are induced in the object.
3. **Schmitt Trigger (Evaluator)**:
This circuit monitors the amplitude of the oscillations. When a metal target absorbs energy, the amplitude drops. The Schmitt trigger detects this change and converts it into a digital signal (ON/OFF).
4. **Output Stage (Amplifier)**:
Typically uses a transistor (NPN or PNP) to switch the load. It includes protection diodes to prevent damage from reverse polarity or short circuits.
---
### Connection Diagram (Typical)
Most IA series sensors use a standard 3-wire DC color code:
```text
BN (Brown) --------> +VDC (10-30V)
BU (Blue) --------> 0V (GND)
BK (Black) --------> Output Signal (Load)
```
---
### Key Applications
* **Position Sensing**: Detecting the end-of-travel for small robotic arms.
* **Counting**: Counting metal parts on a high-speed conveyor belt.
* **Pulse Generation**: Monitoring the RPM of a rotating metal gear.
- ⤷
What is the difference between NPN and PNP output configurations for this sensor?
- ⤷ Can this sensor detect non-metallic objects like plastic or glass?
- ⤷ What is the maximum current capacity for the output stage of the IA0405 series?