AI

The **ICE2-8IOL-K45P-RJ45** is a high-performance IO-Link Master module designed by Pepperl+Fuchs. It acts as a bridge between industrial Ethernet networks and sensor/actuator levels using the IO-Link protocol.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Communication Protocol** | EtherNet/IP, Modbus TCP, PROFINET (Multi-protocol) |
| **IO-Link Ports** | 8 Ports (Class A) |
| **Connection Type** | RJ45 (Network) and M12 (L-coded for Power) |
| **Housing Material** | Die-cast zinc (IP67 rated) |
| **Operating Voltage** | 18 ... 30 V DC |
| **Current Consumption** | Typ. 200 mA |
---
### 2. Electronic Components and Architecture
The device is composed of several sophisticated electronic subsystems:
#### A. IO-Link Transceivers
The core of the unit contains eight individual IO-Link PHYs (Physical Layers). These handle the 24V pulse-modulated switching and data transmission (COM1, COM2, or COM3 speeds) between the master and the connected sensors.
#### B. Multi-Protocol Controller
Unlike standard gateways, this device features an integrated microprocessor capable of "multiprotocol" operation. It can detect and switch between:
* **EtherNet/IP:** For Allen-Bradley/Rockwell systems.
* **PROFINET:** For Siemens/European PLC systems.
* **Modbus TCP:** For general industrial PC communication.
#### C. Power Management (L-Coded M12)
The electronic design utilizes **L-coded M12 connectors**, which are the modern standard for high-current power supply in decentralized IO modules. This allows the device to handle up to 16A per module, providing sufficient power for both the electronics and the attached actuators.
#### D. Integrated Web Server
The internal circuitry includes a tiny web server. This allows engineers to configure the device via a standard browser using its IP address, removing the need for specialized configuration software for initial setup.
---
### 3. Port Configuration (K45P Housing)
The "K45P" designation refers to the physical mechanical and electronic layout of the ports:
* **Push-In/RJ45:** This specific model uses RJ45 for network connectivity, which is ideal for control cabinet mounting or environments where standard Ethernet cabling is preferred over M12 D-coded cables.
* **Status LEDs:** Each port is backed by diagnostic LEDs (Status, Link/Mode, and Error) driven by the logic board to provide immediate visual feedback on the health of the electronic loops.
---
- ⤷
What is the difference between IO-Link Class A and Class B ports?
- ⤷ Can this module operate EtherNet/IP and PROFINET simultaneously?
- ⤷ How does the IP67 rating affect the internal electronic protection?