Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • IDT7134LA55L48B

  • AI
    The **IDT7134LA55L48B** is a high-performance, high-speed CMOS Dual-Port Static RAM (SRAM) manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow two independent systems to access the same memory location simultaneously. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 32K (4K x 8 bits) | | **Access Time** | 55 ns | | **Power Consumption** | Low Power (LA Version) | | **Package Type** | 48-pin LCC (Leadless Chip Carrier) | | **Technology** | High-speed CMOS | | **Operating Voltage** | 5V ± 10% | --- ### 2. Functional Description The device provides two independent ports (Left and Right) with separate controls, addresses, and I/O pins. This architecture permits independent, asynchronous access for reads or writes to any location in memory. #### Core Components: * **Dual-Port SRAM Cell:** The heart of the chip, designed to handle simultaneous access. * **Control Logic:** Includes Chip Enable ($\overline{CE}$), Output Enable ($\overline{OE}$), and Write Enable ($\overline{WE}$) for both ports. * **Interrupt Logic:** Provides a signaling mechanism between the two ports, useful for inter-processor communication. * **Busy Logic:** Prevents data corruption during simultaneous writes to the same memory location (Arbitration). --- ### 3. Pinout & Connectivity The "L48B" suffix refers to the 48-pin Ceramic Leadless Chip Carrier (LCC) package, which is often used in military or high-reliability applications. ```markdown Main Pin Groups: - A0L - A11L / A0R - A11R: Address lines for Left and Right ports. - I/O0L - I/O7L / I/O0R - I/O7R: Data input/output lines. - CEL, OEL, WEL / CER, OER, WER: Control signals for each port. - INTL / INTR: Interrupt flags. - BUSYL / BUSYR: Busy flags for contention notification. ``` --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **IDT7134** | Base Part Number (4K x 8 Dual-Port RAM) | | **LA** | Low Power version | | **55** | 55ns Speed (Access Time) | | **L48** | 48-pin LCC Package | | **B** | Military Grade / Compliant to MIL-STD-883 | --- ### 5. Common Applications * **Multi-Processor Systems:** Acting as a mailbox or shared buffer between two CPUs. * **Digital Signal Processing (DSP):** Buffering data between a controller and a DSP. * **Communications Hardware:** Managing data flow between a network interface and a host processor. * **Military/Aerospace:** Due to the "B" grade certification and LCC packaging. ---
    ✨ Follow-up Questions
    • ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same address?
    • ⤷ What is the difference between the 'L' and 'LA' power versions of this chip?
    • ⤷ Are there modern pin-compatible replacements for this legacy part?