Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • IL393D

  • AI
    ## Overview of the IL393D The **IL393D** is a high-precision, dual independent precision voltage comparator. It is the industrial equivalent of the widely used **LM393** series. It is designed to operate from a single power supply over a wide range of voltages or from split power supplies. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage (Single)** | +2.0V to +36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Drain Current** | 0.4 mA (Independent of supply voltage) | | **Input Offset Voltage** | ±2.0 mV (Typical) | | **Output Type** | Open Collector | | **Package Type** | DIP-8 or SOP-8 | --- ### 2. Internal Components & Architecture The "D" in IL393D typically refers to the package type (SOIC/SOP), but the internal architecture remains consistent with the 393 family: 1. **Dual Comparators:** It contains two independent operational amplifiers specifically designed to compare two voltages. 2. **Differential Input Stage:** Uses a Darlington PNP transistor input stage, which allows the input common-mode voltage to include ground (0V) even when operating from a single supply. 3. **Open Collector Output:** The output stage uses an NPN transistor with an open collector. This means the device does not "push" voltage out; it only "sinks" current to ground. * *Requirement:* A **pull-up resistor** is necessary to define the "High" logic level. --- ### 3. Pin Configuration (DIP-8/SOP-8) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | OUT1 | Output of the first comparator | | 2 | IN1- | Inverting input of the first comparator | | 3 | IN1+ | Non-inverting input of the first comparator | | 4 | GND/V- | Ground or negative power supply | | 5 | IN2+ | Non-inverting input of the second comparator | | 6 | IN2- | Inverting input of the second comparator | | 7 | OUT2 | Output of the second comparator | | 8 | VCC/V+ | Positive power supply | --- ### 4. Typical Application Circuit Because the output is an open collector, the IL393D is often used in mixed-voltage systems (e.g., comparing a 12V signal but outputting a 5V signal for a microcontroller). ```python # Simple Logic Representation If (Voltage at IN+) > (Voltage at IN-): Output = High Impedance (Pull-up resistor pulls voltage to Vcc) Else: Output = Low (Connected to Ground) ``` --- ### 5. Common Uses * **Limit Comparators:** Checking if a sensor voltage exceeds a safety threshold. * **Zero-Crossing Detectors:** Identifying when an AC signal passes through 0V. * **Voltage Level Translators:** Converting signals between different logic levels (TTL, CMOS, RTL). * **Oscillators:** When used with external resistors and capacitors to create square waves.
    ✨ Follow-up Questions
    • ⤷ Why is an open collector output advantageous in the IL393D?
    • ⤷ What is the difference between a voltage comparator like the IL393D and a standard Op-Amp?
    • ⤷ How do you calculate the value of the required pull-up resistor for this IC?