IP113ALF-DS-R04
AI

The **IP113ALF-DS-R04** is a high-performance, single-port 10/100 Mbps Fast Ethernet to Fiber Media Converter chip manufactured by **IC Plus Corp**. It is designed to bridge copper-based Ethernet (RJ45) with fiber optic interfaces.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Interface (Copper)** | 10/100Base-TX (Auto-negotiation, Auto-MDI/MDIX) |
| **Interface (Fiber)** | 100Base-FX (Full-duplex supported) |
| **Package Type** | 48-pin LQFP (Low-profile Quad Flat Package) |
| **Voltage Supply** | 3.3V (Core and I/O) |
| **Max Packet Length** | Supports up to 1600 bytes (standard) / 1916 bytes |
| **Status LEDs** | TP Link/Act, Fiber Link/Act, FDX/Col, Power, Speed |
---
### 2. Functional Electronic Components
The chip integrates several critical electronic sub-systems to manage signal conversion:
1. **PHY (Physical Layer) Transceiver**: Handles the conversion of digital data into electrical signals for copper wiring. It includes DSP (Digital Signal Processing) for adaptive equalization and baseline wander correction.
2. **Fiber Interface (PECL/TTL)**: It features a Pseudo-Emitter Coupled Logic (PECL) interface to connect directly to standard fiber optic transceivers (1x9 or SFP modules).
3. **LFP (Link Fault Pass-through)**: A crucial logic feature that ensures if one side of the link (fiber or copper) fails, the chip forces the other side to drop the link so the network management software is alerted.
4. **FEF (Far End Fault)**: Logic used to notify the remote fiber partner if a signal loss is detected locally on the fiber receive path.
---
### 3. Application Use Cases
The IP113ALF is commonly used in industrial and commercial networking hardware:
* **Media Converters**: External boxes that convert RJ45 Ethernet cables to SC/ST fiber connections for long-distance data transmission (up to 120km depending on optics).
* **FTTH (Fiber to the Home)**: Customer Premises Equipment (CPE) for broadband delivery.
* **Industrial Automation**: Extending Ethernet reach in high EMI (Electromagnetic Interference) environments where copper cables might fail.
---
### 4. Configuration Modes
The chip can be configured via physical pins (Hard-wiring) or through Management Interface (MDC/MDIO):
* **Store-and-Forward**: Checks the entire frame for errors before forwarding (increases reliability).
* **Modified Cut-through**: Starts forwarding as soon as the destination address is identified (decreases latency).
- ⤷
What are the specific pinout differences between the LF and ALF versions?
- ⤷ How does the LFP (Link Fault Pass-through) mechanism work in this chip?
- ⤷ What are the power consumption characteristics of the IP113ALF during full load?