Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • IP5322

  • AI
    ## Overview of the IP5322 IC The **IP5322** is a highly integrated, multi-functional power management SoC (System on Chip) designed primarily for high-efficiency power banks and fast-charging applications. It supports multiple fast-charging protocols and manages both the battery charging and the step-up (boost) conversion for output. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 4.5V to 5.5V (Standard) / Up to 12V (Fast Charge) | | **Battery Voltage** | 4.2V, 4.3V, 4.35V, and 4.4V (Programmable) | | **Output Current** | Up to 3.1A (Synchronous Switch) | | **Efficiency** | Up to 95% (Discharge at 5V/2A) | | **Package** | QFN32 (5mm x 5mm) | --- ### Core Electronic Components & Functions The IP5322 integrates several subsystems that usually require separate chips. Below are the primary internal parts: #### 1. Synchronous Switching Charger It features a high-current battery charger that supports various battery types. - **Auto-Adjust:** It can automatically adjust the charging current based on the adapter's capability. - **Fast Charge Support:** Compatible with QC2.0, QC3.0, FCP (Huawei), AFC (Samsung), and SFCP (Spreadtrum). #### 2. Synchronous Boost Converter This section converts the low battery voltage (3.0V - 4.2V) to a stable 5V, 9V, or 12V output. - **High Efficiency:** Because it uses synchronous rectification (replacing the diode with a MOSFET), it minimizes heat generation. - **Constant Power:** It maintains stable output even as the battery voltage drops. #### 3. Battery Fuel Gauge The IC includes a built-in ADC (Analog-to-Digital Converter) to measure battery voltage and current. - **LED Display:** Can drive 1, 2, 3, or 4 LEDs to show the remaining capacity. - **Accuracy:** Provides an accurate estimation of the "State of Charge" (SoC). #### 4. Protection Circuitry Safety is handled internally to protect both the battery and the connected devices: * **Over-voltage / Under-voltage** protection. * **Short-circuit** protection (Output). * **Over-temperature** protection (OTP). * **Over-charge / Over-discharge** protection. --- ### Typical Application Circuit Requirements To build a circuit using the IP5322, you typically need these external passive components: ```markdown 1. Inductor (L): Usually 1.0uH to 2.2uH (High current rated). 2. Capacitors (C): Low ESR ceramic capacitors (22uF - 47uF) for input/output filtering. 3. Resistors (R): To set the charging current and battery voltage thresholds. 4. NTC Thermistor: To monitor battery temperature. ``` --- ### Pros and Cons | Pros | Cons | | :--- | :--- | | High integration (small PCB footprint) | QFN package is difficult to hand-solder | | Multi-protocol fast charge support | Requires specific inductor quality for high efficiency | | Very low standby current (<100µA) | Thermal management is critical at 18W+ loads |
    ✨ Follow-up Questions
    • ⤷What is the difference between IP5322 and IP5328?
    • ⤷ How do I configure the battery voltage for 4.4V cells on this chip?
    • ⤷ Can IP5322 support USB-C Power Delivery (PD)?