Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • IPLU300N04S4-R7

  • AI
    The **IPLU300N04S4-R7** is a high-performance power MOSFET designed primarily for automotive applications. It belongs to Infineon’s OptiMOS™ family and is housed in a specialized **H-PSOF-8** (Heatsink Plastic Small Outline Flat lead) package, which is engineered for high current density and superior thermal management. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Technology** | N-Channel Power MOSFET (OptiMOS-T2) | | **Drain-Source Voltage ($V_{DS}$)** | 40 V | | **Continuous Drain Current ($I_D$)** | 300 A | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | 0.77 mΩ (max) | | **Package Type** | H-PSOF-8-1 (TO-Leadless) | | **Operating Temperature** | -55°C to +175°C | | **Qualification** | AEC Q101 (Automotive Grade) | --- ### 2. Core Features * **Extreme Low $R_{DS(on)}$:** At only 0.77 mΩ, this part minimizes conduction losses, making it highly efficient for high-current power distribution. * **High Current Capability:** It is rated for 300A, though the actual circuit performance is often limited by PCB thermal constraints. * **Advanced Thermal Package:** The H-PSOF (TO-Leadless) package is designed to replace large D2PAK components. It offers a smaller footprint while providing better cooling through a large exposed drain pad. * **AEC-Q101 Qualified:** It is rigorously tested for the harsh environments of automotive systems, including vibration and extreme temperature cycling. --- ### 3. Pin Configuration & Internal Structure The device uses a standard N-Channel enhancement-mode structure. In the H-PSOF package: * **Gate (G):** Used to control the switching of the MOSFET. * **Source (S):** Multiple pins/leads are often used to reduce source inductance and handle high current. * **Drain (D):** The large metal tab on the bottom serves as the drain connection and the primary thermal path to the heatsink or PCB copper. --- ### 4. Common Applications Due to its high power density and 40V rating, it is ideal for 12V automotive electrical systems: 1. **Electric Power Steering (EPS):** Providing the high current needed for motor control. 2. **Battery Management Systems (BMS):** Used as a high-side or low-side switch for battery protection. 3. **Start-Stop Systems:** Managing high-current transients during engine ignition. 4. **DC/DC Converters:** High-frequency switching for voltage regulation in electric vehicles. ---
    ✨ Follow-up Questions
    • ⤷ How does the H-PSOF package compare to a standard D2PAK in terms of board space?
    • ⤷ What are the specific gate drive requirements for this MOSFET given its 300A rating?
    • ⤷ Can this MOSFET be used in 24V or 48V automotive systems?