IRS060-R53VC10
AI

The **IRS060-R53VC10** is a specific technical assembly part number, typically associated with **Industrial Servo Motors** or **Rotary Resolvers** (often used in Mitsubishi or similar industrial automation systems).
Below is a breakdown of the electronic components and functional characteristics typical of this series.
---
### 1. Component Overview
This part generally functions as a **high-precision feedback device**. Its primary purpose is to report the position, speed, and direction of a motor shaft to the servo drive.
| Component Type | Description |
| :--- | :--- |
| **Housing** | Ruggedized aluminum or alloy casing for EMI shielding. |
| **Stator/Rotor** | Electromagnetic coils used to induce signals for position sensing. |
| **Connector** | Typically a multi-pin industrial circular connector (MS-type). |
| **Internal Circuitry** | Signal conditioning PCB that converts raw analog waves into digital-ready feedback. |
---
### 2. Technical Specifications
While exact specifications can vary by manufacturer (e.g., Tamagawa Seiki or Mitsubishi), the "R53" designation usually refers to the **transformation ratio** or the **mounting flange style**.
| Specification | Typical Value |
| :--- | :--- |
| **Voltage Input** | 5V to 10V AC (Excitation) |
| **Signal Type** | Sine / Cosine (Analog) or Serial (Digital) |
| **Operating Temperature** | -20°C to +100°C |
| **Speed Rating** | Up to 10,000 RPM |
| **Protection Class** | IP65 or higher (Dust and Water resistant) |
---
### 3. Electronic Working Principle
The IRS060 series operates on the principle of **Electromagnetic Induction**:
1. **Excitation:** An AC voltage is applied to the primary winding (Stator).
2. **Modulation:** As the rotor turns, it changes the magnetic coupling between the primary and secondary windings.
3. **Feedback Output:** Two output signals (Sine and Cosine) are generated. The phase difference between these signals allows the Servo Drive to calculate the **absolute position** of the motor shaft.
---
### 4. Common Applications
* **CNC Machinery:** For high-precision axis control.
* **Robotic Arms:** Ensuring repeatable movement in 6-axis systems.
* **Injection Molding:** High-torque, high-heat environments where standard encoders might fail.
---
### 5. Wiring Pinout (General)
*Note: Always refer to the specific wiring diagram on the motor plate.*
```yaml
Pin A: Excitation High (R1)
Pin B: Excitation Low (R2)
Pin C: Cosine High (S1)
Pin D: Cosine Low (S3)
Pin E: Sine High (S2)
Pin F: Sine Low (S4)
```
---
- ⤷
What are the main differences between a resolver like the IRS060 and an optical encoder?
- ⤷ How do I troubleshoot a 'Feedback Error' on a servo drive linked to this part?
- ⤷ Is this specific model compatible with Mitsubishi MR-J2S or MR-J4 series drives?