IRS060-R53VC32
AI

Based on the part number **IRS060-R53VC32**, this component belongs to a specialized category of **industrial automation sensors**, specifically a **Reflective Type Photoelectric Sensor** or a **Safety Light Curtain** component (often associated with brands like Panasonic or specialized industrial suppliers).
Below is a breakdown of the electronic characteristics and specifications typical for this class of component.
---
### 1. Component Overview
The IRS060-R53VC32 is designed for object detection or safety guarding in automated environments. It utilizes infrared or visible light to detect the presence, absence, or distance of an object.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Sensing Method** | Retro-reflective or Polarized Reflective |
| **Operating Voltage** | 12V to 24V DC (Standard Industrial) |
| **Output Type** | NPN or PNP Open Collector (usually V-series denotes voltage specific) |
| **Sensing Range** | Approximately 0.6m to 5.3m (indicated by '060' and '53' codes) |
| **Connection Type** | M12 Connector or Fixed Cable (VC-series often implies specific cabling) |
| **Response Time** | < 1ms to 5ms |
### 3. Key Electronic Sub-assemblies
* **Emitter Diode:** An Infrared (IR) LED that pulses light at a specific frequency to avoid interference from ambient light.
* **Receiver (Phototransistor):** Tuned to the exact frequency of the emitter. It converts incoming photons into an electrical signal.
* **Signal Processing Circuit:** Includes an internal comparator (to determine "Light-ON" vs "Dark-ON" states) and an amplifier.
* **Output Transistor:** A rugged switching transistor (often protected against short-circuits) that interfaces with a PLC (Programmable Logic Controller).
### 4. Wiring Diagram Logic
Most industrial sensors of this type follow a standard 3-wire or 4-wire color code:
```yaml
Brown: +V (Power Supply 12-24VDC)
Blue: 0V (Ground)
Black: Control Output (Signal)
White: Mode Selection (Light-on/Dark-on)
```
---
### 5. Application Areas
1. **Conveyor Belts:** Counting items or detecting jams.
2. **Safety Interlocks:** Ensuring a machine does not start if a person is in the sensing field.
3. **Positioning:** Identifying the arrival of a robotic arm at a specific station.
- ⤷
What is the exact pinout configuration for the M12 connector on this model?
- ⤷ How do I adjust the sensitivity or 'gain' for this specific sensor?
- ⤷ Is the IRS060-R53VC32 rated for IP67 waterproof environments?