Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • IS25WP032D-RLLA3:P

  • AI
    The **IS25WP032D-RLLA3:P** is a high-performance 32-Megabit (4 MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for systems where space, power consumption, and high-speed data transfer are critical. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Density** | 32 Megabits (4 Megabytes) | | **Interface** | Multi-I/O SPI (Serial Peripheral Interface) | | **Operating Voltage** | 1.65V to 1.95V (Low Power) | | **Max Clock Frequency** | 133 MHz (Standard SPI / Dual / Quad) | | **Package Type** | WSON (8-contact, 6x5mm) | | **Temperature Range** | Automotive Grade A3 (-40°C to +125°C) | | **Data Retention** | 20 Years | | **Endurance** | 100,000 Program/Erase Cycles | --- ## 2. Part Number Breakdown Understanding the suffix codes helps identify the specific variant: * **IS25WP**: ISSI 1.8V Serial Flash Series. * **032D**: 32Mb density, Revision D. * **R**: Package type (WSON 6x5mm). * **L**: Lead-free / RoHS compliant. * **LA3**: Automotive Grade 3 (Temperature rating -40°C to +125°C). * **P**: Production packing (Tape and Reel). --- ## 3. Core Functional Features ### High-Speed Performance The device supports **Double Data Rate (DDR)** and **Quad Peripheral Interface (QPI)** modes. When running at 133 MHz in Quad I/O mode, it achieves an equivalent throughput of 532 Mbps, which is comparable to parallel flash but with fewer pins. ### Low Power Consumption Operating at a nominal **1.8V**, this part is ideal for battery-operated devices. It features: * Active Read Current: ~10mA (at 133MHz). * Deep Power Down: < 2µA (typical). ### Advanced Security * **Unique ID:** 64-bit factory programmed unique identifier. * **OTP (One-Time Programmable) Blocks:** Three 256-byte security registers with locking mechanisms for sensitive data like encryption keys. * **Hardware Write Protection:** Via the WP# pin. --- ## 4. Hardware Pinout (Typical WSON 8) ```text ____ ____ CS# |1 \/ 8| VCC SO |2 7| HOLD#/RESET# WP# |3 6| SCK GND |4________5| SI ``` * **CS#:** Chip Select (Activates the device). * **SI / SO:** Serial Data In / Out (IO0 and IO1 in Quad mode). * **SCK:** Serial Clock. * **WP#:** Write Protect (IO2 in Quad mode). * **HOLD#/RESET#:** Pauses serial communication or resets the device (IO3 in Quad mode). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the IS25WP and the IS25LP series?
    • ⤷ How does the DTR (Double Transfer Rate) mode impact data throughput in this chip?
    • ⤷ Can you provide a code snippet for initializing this flash memory via SPI?