Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JCS620RT-O-R-N-B

  • AI
    The **JCS620RT-O-R-N-B** is a specific technical part number, typically associated with an **Electronic Pressure Switch** or a **Digital Pressure Gauge** (often manufactured by companies like JCS or generic industrial sensor suppliers). The alphanumeric suffix indicates specific configurations regarding the housing, electrical output, and pressure ranges. --- ### 1. Breakdown of the Part Number While nomenclature varies slightly by manufacturer, here is the standard industrial breakdown for this series: | Segment | Code | Likely Definition | | :--- | :--- | :--- | | **Series** | `JCS620` | Digital Pressure Sensor / Switch Series | | **Display** | `RT` | Real-Time Digital Display (LCD/LED) | | **Pressure Type** | `O` | Gauge Pressure (Reference to Atmospheric) | | **Output Type** | `R` | Relay Output (Mechanical switch) | | **Accuracy** | `N` | Standard Industrial Accuracy (±0.5% FS) | | **Connection** | `B` | Thread Type (likely G1/4" or NPT 1/4") | --- ### 2. Key Electronic Components This device is an integrated electronic system consisting of the following parts: * **Piezoresistive Sensor Chip:** The "heart" of the device. It contains a silicon diaphragm with strain gauges that convert physical pressure into a millivolt signal. * **Signal Conditioning Circuit (ASIC):** An internal integrated circuit that amplifies the weak sensor signal, compensates for temperature fluctuations, and converts it into a digital format. * **Microcontroller (MCU):** Processes the digital signal to handle unit conversion (PSI, Bar, kPa), manages the display logic, and triggers the relay outputs based on user-defined setpoints. * **Relay/Switching Module:** The "R" in the part number. It allows the device to act as a switch, opening or closing a circuit to control pumps, valves, or alarms. --- ### 3. Technical Specifications Typical electronics parameters for the JCS620RT series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 12-24V DC or 220V AC (model dependent) | | **Output Signal** | Relay (SPDT) / 4-20mA (optional) | | **Display Type** | 4-Digit LED / LCD | | **Switching Life** | > 1,000,000 cycles | | **Protection Rating** | IP65 (Dust tight, water-resistant) | | **Operating Temp** | -20°C to +80°C | --- ### 4. Wiring Diagram Overview Usually, the device features a 4-pin or 5-pin aviation plug or a terminal block: ```text Pin 1: V+ (Power Supply) Pin 2: V- (Ground) Pin 3: Relay Common (COM) Pin 4: Relay Normally Open (NO) Pin 5: Relay Normally Closed (NC) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum pressure range supported by the JCS620RT series?
    • ⤷ Can this part be used for vacuum measurement or only positive pressure?
    • ⤷ How do you calibrate the setpoints for the relay output?