Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JDL-A2F-R

  • AI
    ## JDL-A2F-R: Technical Analysis The **JDL-A2F-R** is a specific model of a **magnetic proximity sensor** (often categorized as a reed switch or magnetic switch), typically utilized in industrial automation, pneumatic cylinder position sensing, and security systems. --- ### 1. Core Technical Specifications The electronic performance of the JDL-A2F-R is defined by its ability to complete a circuit when in the presence of a magnetic field. | Parameter | Specification (Typical) | | :--- | :--- | | **Switching Logic** | SPST (Normally Open) | | **Sensor Type** | Reed Switch / Magnetic Proximity | | **Operating Voltage** | 5V - 240V AC/DC | | **Switching Current** | 100mA Max | | **Switching Rating** | 10W Max | | **Indicator Lamp** | Red LED (Usually integrated) | | **Response Time** | Max 1ms | | **Internal Voltage Drop** | 3.5V Max | --- ### 2. Internal Components & Construction The device consists of three primary electronic segments protected by a plastic housing: 1. **The Reed Element:** Two ferromagnetic blades hermetically sealed in a glass envelope. When a magnet (usually on a piston) approaches, the blades pull together to close the circuit. 2. **LED Indicator Circuit:** A small LED and a current-limiting resistor wired in series or parallel with the switch to provide visual feedback when the sensor is triggered. 3. **Protection Circuitry:** Many versions include a varistor or a diode to protect the reed contacts from voltage spikes caused by inductive loads (like solenoid valves). --- ### 3. Wiring Configuration The JDL-A2F-R is typically a **2-wire** device. This means it is wired in series with the load. #### Wiring Logic: * **Brown Wire:** Connect to the Positive (+) side of the power source. * **Blue Wire:** Connect to the Load (PLC Input or Relay Coil), which then connects to the Negative/Common (-) side. ```markdown [Power +] ---- (Brown) [ JDL-A2F-R ] (Blue) ---- [ Load/PLC ] ---- [ Power - ] ``` --- ### 4. Application Considerations * **Sensitivity:** The "R" in the suffix often denotes high sensitivity or specific reed characteristics tailored for thin-walled cylinders. * **Mounting:** Designed for "T-Slot" or "C-Slot" mounting tracks on pneumatic cylinders. * **Environment:** The housing is typically rated IP67, making it resistant to dust and water splashes commonly found in factory environments. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 2-wire and 3-wire magnetic sensor?
    • ⤷ How do I troubleshoot a JDL-A2F-R that won't trigger?
    • ⤷ Can this sensor be used directly with a high-current motor?