Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JDL-A2Z-R

  • AI
    The **JDL-A2Z-R** is a specific model of an **Elevator Door Motor Controller** (often used in JDL-brand door systems). It is an integrated electronic unit designed to manage the opening and closing cycles of elevator doors with precision and safety. --- ### Core Electronic Components and Functions | Component Type | Function in JDL-A2Z-R | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes inputs from the elevator car controller and calculates the door curve (acceleration/deceleration). | | **Power Inverter / IPM** | Converts DC power into variable AC power to drive the 3-phase door motor (using PWM). | | **Capacitor Bank** | Smooths the input voltage and stores energy to handle sudden spikes during motor startup. | | **Communication Interface** | Typically uses CAN-bus or RS-485 to communicate with the main elevator logic board. | | **I/O Terminals** | Connects to limit switches (Open/Close limits) and safety edges (light curtains). | --- ### Key Technical Specifications Based on the standard architecture for the A2Z series, the electronic specifications generally include: * **Input Voltage:** 220V AC (Single Phase). * **Output Phase:** 3-Phase (U, V, W) to the motor. * **Control Method:** Variable Voltage Variable Frequency (VVVF) or Vector Control. * **Protection Circuits:** * Overcurrent protection. * Short-circuit protection. * Overvoltage/Undervoltage monitoring. --- ### Terminal Layout and Connectivity The electronics are divided into high-voltage and low-voltage sections: 1. **Power Terminals:** * `L / N`: Main AC input. * `U / V / W`: Output to the door motor. 2. **Control Terminals:** * `COM`: Common ground for signals. * `OPEN / CLOSE`: Input triggers from the lift controller. * `NC / NO / COM (Relay)`: Output status signals (Door Fully Open/Closed). 3. **Encoder Port:** * High-speed pulse input to track the exact position of the door panels. --- ### Typical Wiring Logic ```mermaid graph LR A[AC Input] --> B[JDL-A2Z-R Controller] B --> C[3-Phase Motor] D[Limit Switches] --> B E[Safety Light Curtain] --> B B --> F[Main Lift Controller] ```
    ✨ Follow-up Questions
    • ⤷ What are the common error codes displayed on the JDL-A2Z-R digital display?
    • ⤷ How do you perform a 'self-learning' cycle on this specific door controller?
    • ⤷ Can this controller be used with permanent magnet synchronous motors (PMSM)?