AI

The part number **JH177128160CCNLMNTHCWC** refers to a high-performance **TFT LCD Display Module**. These modules are commonly used in industrial equipment, medical devices, and high-end consumer electronics.
Below is a breakdown of the technical components and typical specifications associated with this electronic part.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | TFT Liquid Crystal Display (LCD) |
| **Resolution** | 128 (RGB) x 160 Pixels |
| **Interface** | SPI (Serial Peripheral Interface) or MCU 8-bit |
| **Driver IC** | Typically ST7735S or similar controller |
| **Backlight** | White LED (High Brightness) |
| **Color Depth** | 65K / 262K Colors |
| **Touch Panel** | Optional (usually Capacitive or None depending on suffix) |
---
### 2. Breakdown of the Part Nomenclature
While naming conventions vary by manufacturer (often associated with brands like JHD or focus LCDs), the string typically decodes as follows:
* **JH / JHD**: Manufacturer prefix (e.g., JingHao Display).
* **177**: Refers to the physical size (1.77-inch diagonal).
* **128160**: Represents the pixel resolution (128 columns by 160 rows).
* **CC**: Color/Contrast configuration (Color TFT).
* **NL / MN**: Specific internal routing or glass type (Normal/MVA).
* **THCWC**: Hardware revision codes involving the backlight type, connector style, and temperature range.
---
### 3. Electronic Architecture
The module consists of several integrated sub-systems:
#### A. The Glass Substrate (Cell)
The core of the unit where the liquid crystal material is sandwiched between two glass plates. It uses **Thin Film Transistor (TFT)** technology, meaning each pixel is individually controlled by a transistor for high contrast and fast refresh rates.
#### B. The Driver IC (COG - Chip on Glass)
The "brain" of the display. It translates data from your microcontroller (like an Arduino, ESP32, or STM32) into the voltages required to flip the liquid crystals. It usually communicates via:
```cpp
// Example SPI Pinout logic
#define TFT_CS 10 // Chip Select
#define TFT_RST 9 // Reset
#define TFT_DC 8 // Data/Command
```
#### C. The Flexible Printed Circuit (FPC)
The orange/brown "ribbon" cable that connects the display to the main PCB. It carries power (VDD), ground (GND), and data lines.
#### D. The Backlight Unit (BLU)
Usually consists of 1 to 3 white LEDs connected in parallel or series. These require a current-limiting resistor to prevent burnout.
---
### 4. Implementation Requirements
To operate this part, an engineer typically needs:
1. **Logic Voltage**: 2.8V to 3.3V (Most TFTs are not 5V tolerant).
2. **Backlight Voltage**: ~3.0V to 3.2V.
3. **Software Library**: Adafruit_ST7735 or Ucglib for Arduino environments.
- ⤷What is the pinout configuration for the FPC connector on this module?
- ⤷ Can this display be interfaced with a 5V Arduino Uno without a level shifter?
- ⤷ What is the maximum brightness (nits) for the THCWC revision?