Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JH395320480ACNUNNFZCWC

  • AI
    The part number **JH395320480ACNUNNFZCWC** follows the standard nomenclature for **LCD (Liquid Crystal Display) Modules**, specifically those manufactured for industrial, automotive, or smart-wearable applications. Below is a breakdown of the electronic components and technical specifications associated with this type of display module. --- ## 1. Technical Specification Table Based on the standard coding for high-resolution TFT-LCDs, here are the likely specifications: | Feature | Specification Details | | :--- | :--- | | **Display Type** | TFT-LCD (Thin Film Transistor) | | **Resolution** | 320 x 480 Pixels (HVGA) | | **Interface** | Likely MIPI DSI or MCU 8/16-bit | | **Backlight** | White LED (WLED) Array | | **Active Area** | Approx. 3.5 inches (Typical for 320x480) | | **Touch Panel** | Capacitive Touch (CTP) - Indicated by the "C" suffix | --- ## 2. Key Electronic Components An LCD module of this complexity consists of several integrated sub-systems: ### A. The Display Driver IC (DDIC) The "heart" of the module. For a 320x480 resolution, common ICs used are the **ILI9488** or **ST7796S**. * **Function:** It converts digital data from your microcontroller (MCU) into analog voltages to twist the liquid crystals. * **Storage:** Contains internal GRAM (Graphics RAM) to hold the current frame buffer. ### B. Flexible Printed Circuit (FPC) The orange/brown ribbon cable attached to the glass. * **Passive Components:** Surface-mounted resistors and capacitors are soldered directly to the FPC to stabilize the voltage (VCC/IOVCC). * **EMI Shielding:** Often includes a grounded layer to prevent electromagnetic interference. ### C. Backlight Unit (BLU) * **LED String:** Usually consists of 6 to 10 White LEDs connected in series or parallel. * **Anode/Cathode:** Requires a constant current driver (typically 20mA) to ensure uniform brightness. ### D. Capacitive Touch Controller The "CWC" suffix often points to a **Capacitive Touch** integration. * **Sensor Glass:** A layer of ITO (Indium Tin Oxide) that detects changes in electrical capacitance from a finger. * **Touch IC:** Likely a FocalTech or Goodix chip that communicates via **I2C protocol**. --- ## 3. Pinout Logic (Standard 320x480) While specific pinouts vary by manufacturer, a module like this generally utilizes the following pins: | Pin Group | Function | Description | | :--- | :--- | :--- | | **Power** | VDD / VCI | 2.8V - 3.3V Logic Power | | **Backlight** | LEDK / LEDA | Cathode and Anode for LEDs | | **Data** | DB0 - DB15 | Data bus for image transmission | | **Control** | CS, RS, WR, RD | Chip Select, Register Select, Write/Read | | **Touch** | SCL, SDA, INT | I2C Communication for touch coordinates | --- ## 4. Usage Considerations * **Voltage Levels:** Most of these modules operate at **3.3V**. Connecting them to 5V logic (like an older Arduino) without a level shifter will damage the Driver IC. * **Initialization Code:** To turn on the display, you must send a specific "Init Sequence" to the registers of the internal Driver IC via the SPI or Parallel interface.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 'JH' prefix in this part number?
    • ⤷ Can this display be interfaced with an ESP32 or Arduino?
    • ⤷ What is the difference between MIPI and MCU interfaces for this resolution?