Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JH50480800BCNSMNFZCWC

  • AI
    The part number **JH50480800BCNSMNFZCWC** appears to be a highly specific manufacturer configuration string, likely associated with **Industrial LCD Display Modules** or **TFT-LCD Panels** (frequently used by manufacturers like JHD or similar Chinese display specialists). Below is a breakdown of the typical electronic specifications and categories represented by such a nomenclature. --- ## 1. Component Overview This component is an active-matrix color TFT (Thin Film Transistor) LCD. These parts are commonly integrated into industrial control systems, medical devices, or high-end consumer electronics. ### Key Specifications Table | Feature | Potential Specification | Description | | :--- | :--- | :--- | | **Display Type** | TFT-LCD | Active matrix liquid crystal display. | | **Resolution** | 800 x 480 | WVGA resolution (common for 5.0" to 7.0" screens). | | **Interface** | RGB / LVDS | Standard parallel RGB 24-bit or LVDS interface. | | **Backlight** | LED | White LED array for illumination. | | **Touch Panel** | Capacitive/Resistive | "CWC" suffix often denotes a Capacitive Window Control/Touch. | --- ## 2. Technical Breakdown of Part Segments While nomenclature varies by manufacturer, the string can generally be decoded as follows: ### Dimensions and Resolution * **50 / 480800**: Likely refers to a **5.0-inch** diagonal size with a **800x480** resolution. * **BCN**: Usually refers to the controller IC type or the specific glass substrate manufacturer. ### Environmental and Optical Traits * **SMN**: Often denotes "Super Medium" or "Standard" brightness levels (typically 300–500 cd/m²). * **F**: Often indicates "Full Viewing Angle" (IPS technology), allowing the screen to be viewed from sides without color inversion. ### Interface and Connectivity * **CWC**: Usually indicates a **Capacitive Touch Screen** with a specific bonded cover lens. * **Connector**: Typically a 40-pin or 50-pin FPC (Flexible Printed Circuit) cable. --- ## 3. Electrical Characteristics If integrating this part into a circuit, the following electrical constraints usually apply: ```yaml Power_Supply: Logic_Voltage (VDD): 3.3V (Typical) Backlight_Voltage (VLED): 15V - 25V (Requires constant current driver) Current_Consumption: 200mA - 500mA (Dependent on brightness) Signal_Timings: Clock_Frequency: ~30 MHz - 33 MHz Data_Format: RGB 24-bit (8-8-8) ``` --- ## 4. Usage Precautions 1. **ESD Sensitivity**: This part is highly sensitive to Electrostatic Discharge. Use grounded wrist straps during handling. 2. **FPC Handling**: The flexible cable is fragile. Avoid repeated bending near the glass junction. 3. **Driving the Backlight**: Never connect the backlight pins directly to a voltage source; always use a **Constant Current LED Driver** to prevent thermal runaway.
    ✨ Follow-up Questions
    • ⤷ Does this display require a specific driver IC like the ILI9806 or HX8264?
    • ⤷ What is the pinout configuration for the 40-pin FPC connector?
    • ⤷ Is there a sunlight-readable version of this specific panel available?