Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JM-14Z-R/

  • AI
    The **JM-14Z-R** is a specific type of **Miniature Power Relay** commonly used in PCB (Printed Circuit Board) applications. These relays are designed to control high-power loads using a low-power signal, acting as an electrically operated switch. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications While specific manufacturers (like Junda or others) may have slight variations, the "14Z" series generally follows these standard parameters: | Feature | Specification Details | | :--- | :--- | | **Contact Form** | 1C (SPDT - Single Pole Double Throw) | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Rated Load (Resistive)** | 10A to 16A @ 250VAC / 30VDC | | **Max Switching Voltage** | 250VAC / 110VDC | | **Coil Voltage Options** | 5V, 12V, 24V, 48V DC | | **Coil Power** | Approx. 0.54W to 0.72W | | **Dielectric Strength** | 5,000VAC (between coil and contacts) | | **Mounting Type** | Through-hole PCB mount | --- ### 2. Internal Electronic Structure The JM-14Z-R consists of several functional parts that work together to facilitate switching: * **The Coil (Actuator):** A copper wire winding around an iron core. When DC current flows through it, it creates a magnetic field. * **The Armature:** A moving ferromagnet component that is pulled by the coil's magnetic field. * **Contacts:** * **Common (COM):** The center terminal. * **Normally Closed (NC):** Connected to COM when the relay is off. * **Normally Open (NO):** Connected to COM when the relay is energized. * **Return Spring:** Returns the armature to the "rest" position once power is removed from the coil. --- ### 3. Part Number Nomenclature (Decoding) The model name **JM-14Z-R** can be broken down to understand its characteristics: 1. **JM:** Manufacturer Series code (e.g., Junda). 2. **14:** Model series identifier (standard footprint). 3. **Z:** Usually indicates the contact form (Z typically represents **SPDT/Changeover**). 4. **R:** Often denotes **RoHS Compliance** or a specific **Dust-proof/Sealed** casing type. --- ### 4. Implementation Example To use this relay in a digital circuit (like with an Arduino), you cannot drive the coil directly from a microcontroller pin. You need a driver circuit: ```cpp // Schematic Logic: // [MCU Pin] -> [Resistor] -> [Base of NPN Transistor] // [Relay Coil] -> [Collector of Transistor] // [Flyback Diode] -> [Parallel to Relay Coil to prevent back EMF] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for a standard 14Z series relay?
    • ⤷ What are the common causes of failure in these power relays?
    • ⤷ Can I use the JM-14Z-R for switching inductive loads like motors?