Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JPA2-4B-R

  • AI
    The **JPA2-4B-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These are widely used in DC-DC converter circuits to manage power flow and filter noise. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like **SAGAMI** or similar power inductor specialists). | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance** | 4.7 µH (indicated by the '4' or '4B' code) | | **Current Rating (Isat)** | ~1.5A to 3.0A (varies by specific series) | | **DC Resistance (DCR)** | Low (typically < 100 mΩ) | | **Shielding** | Magnetic Shielded Construction | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Key Electronic Features #### A. Magnetic Shielding The "JPA" series usually features a shielded construction. This is critical for: * **EMI Reduction:** Preventing electromagnetic interference from affecting nearby sensitive components on the PCB. * **Efficiency:** Concentrating the magnetic flux within the core to improve energy storage. #### B. High Current Saturation The "4B" designation often refers to the core material or size characteristics that allow the inductor to handle high peak currents without the inductance dropping significantly (Saturation Current). #### C. Compact Footprint Designed for high-density circuit boards, these parts offer a high inductance-to-size ratio, making them ideal for mobile electronics or compact power modules. --- ### 3. Common Applications This part is commonly found in the following circuit types: 1. **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) regulators to store energy. 2. **Power Management Integrated Circuits (PMICs):** Used in smartphones, tablets, and laptops. 3. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in voltage rails. 4. **LED Drivers:** Managing current for high-brightness LED arrays. --- ### 4. Typical Internal Structure ```text [ Core Material ] <--- Usually Ferrite | [ Winding Wire ] <--- Copper wire with high-temperature insulation | [ Shielding Case] <--- Magnetic epoxy or metal shell | [ Solder Pads ] <--- Tin-plated for SMD reflow soldering ```
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (footprint) of the JPA2-4B-R?
    • ⤷ Can this inductor be substituted with a 4.7µH part from a different series?
    • ⤷ What is the maximum operating temperature for this component?