JQ4-R
AI

The **JQ4-R** is a specific electronic component typically identified as a **General Purpose Power Relay**. It is widely used in automotive, industrial, and consumer electronics to switch high-current loads using a low-power control signal.
---
## 1. Core Specifications
The JQ4-R is characterized by its compact size and high reliability. Below are the typical electrical parameters associated with this series:
| Parameter | Description |
| :--- | :--- |
| **Contact Form** | Usually SPDT (1 Form C) or SPST (1 Form A) |
| **Coil Voltage** | Typically 12V DC (standard for automotive/industrial) |
| **Max Switching Current** | Often rated between 10A to 20A (model dependent) |
| **Contact Material** | Silver Alloy (for durability and low resistance) |
| **Mounting Type** | PCB (Through-hole) or Plug-in |
---
## 2. Internal Components
To understand the "electronic parts" within the JQ4-R, we must look at its mechanical and electrical assembly:
### A. The Coil (Electromagnet)
The heart of the relay. When a small current flows through this copper wire winding, it creates a magnetic field.
* **Purpose:** To pull the armature toward the core.
* **Resistance:** Usually measured in Ohms; determines how much current the control circuit consumes.
### B. The Armature and Spring
* **Armature:** A movable piece of iron that reacts to the magnetic field.
* **Spring:** Ensures that once the coil is de-energized, the contacts return to their "Normal" (idle) state.
### C. Contacts (The Switch)
These are the heavy-duty parts that actually carry the load.
* **Common (COM):** The moving terminal.
* **Normally Open (NO):** The circuit is completed only when the relay is active.
* **Normally Closed (NC):** The circuit is completed when the relay is off.
---
## 3. Typical Pinout Configuration
Most JQ4-R relays follow a standard footprint for PCB mounting:
```text
[ Coil ] ------- (1) (3) ------- [ NO Contact ]
| |
[ Coil ] ------- (2) (4) ------- [ Common ]
|
(5) ------- [ NC Contact ]
```
---
## 4. Common Applications
Due to its robust design, the JQ4-R is found in:
1. **Automotive Systems:** Controlling headlights, fuel pumps, or horn circuits.
2. **Home Appliances:** Switching heaters or motors in washing machines and AC units.
3. **Industrial Controls:** Interfacing between a PLC (Programmable Logic Controller) and a heavy motor.
- ⤷
What is the maximum switching voltage for the JQ4-R relay?
- ⤷ How do I test a JQ4-R relay using a multimeter?
- ⤷ Can I use a flyback diode with this relay to protect my circuit?