Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • JR-4A-R

  • AI
    The **JR-4A-R** is a specific model of a **4-Channel Relay Module**, commonly used in industrial automation and PLC (Programmable Logic Controller) systems to interface low-power control signals with high-power loads. ### 1. General Specifications Below is a breakdown of the typical technical characteristics of the JR-4A-R module: | Component / Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 Channels (Individual Relays) | | **Coil Voltage** | Usually 24V DC (Standard for Industrial PLC) | | **Contact Capacity** | 5A to 10A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail Mounting (Standard 35mm) | | **Signal Input** | NPN / PNP Universal (Compatible with most PLCs) | | **Contact Form** | 1 Form A (SPST - Normally Open) or 1 Form C (SPDT) | --- ### 2. Electronic Component Breakdown The JR-4A-R is not just a relay; it includes several protection and signaling components to ensure reliable operation: * **Electromagnetic Relays:** The core switching element that uses an electromagnet to mechanically operate a switch. * **Optocoupler (Optical Isolation):** Most units feature optoisolation between the input signal and the relay coil. This protects the PLC or microcontroller from back-EMF and voltage spikes. * **Flyback Diode (Freewheeling Diode):** Placed across the relay coil to dissipate the inductive voltage spike generated when the coil is de-energized. * **LED Status Indicators:** Each channel usually has a surface-mount LED to provide visual confirmation when a specific relay is energized. * **Varistor (Optional/Model Specific):** Some versions include a varistor at the output contacts to suppress arcs and protect against contact welding. --- ### 3. Wiring and Pinout Logic The module is designed for ease of installation using screw terminals. #### Input Side (Signal) * **VCC/COM:** Common power line for the trigger signals. * **IN1 - IN4:** Trigger pins for the four individual channels. * **Jumper/Switch:** Often includes a way to select between **NPN** (Low-level trigger) and **PNP** (High-level trigger) logic. #### Output Side (Load) * **NO (Normally Open):** The circuit is open when the relay is off. * **COM (Common):** The shared terminal for the load power. * **NC (Normally Closed):** (If applicable) The circuit is closed when the relay is off. --- ### 4. Typical Application Circuit ```python # Conceptual logic for a PLC controlling the JR-4A-R Input_Signal = PLC_Output_Q0_0 Relay_Channel = JR_4A_R_Channel_1 if Input_Signal == HIGH: Relay_Coil = ENERGIZED Load_Circuit = CLOSED (Power flows to Motor/Lamp) else: Relay_Coil = DE_ENERGIZED Load_Circuit = OPEN ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP triggering in this relay module?
    • ⤷ Can the JR-4A-R be used directly with an Arduino or Raspberry Pi?
    • ⤷ What are the specific dimensions for DIN rail mounting?