JS0404FP4-R
AI

## Overview of JS0404FP4-R
The **JS0404FP4-R** belongs to a series of **DIP Switches** (Dual In-line Package switches), specifically designed for surface mount applications. These components are used to manually set binary codes or configurations on a printed circuit board (PCB).
---
### 1. Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | DIP Switch |
| **Actuator Style** | Piano (Side Actuated) |
| **Number of Positions** | 4 Positions |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Mounting Type** | Surface Mount (SMT / SMD) |
| **Pitch** | 1.27mm (Half Pitch) |
| **Contact Rating** | 25mA @ 24VDC |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Physical Features
* **Piano Actuator:** Unlike standard slide switches, the piano-style actuator allows for switching from the side, which is ideal for boards that are stacked or housed in tight enclosures where top access is restricted.
* **Half Pitch Design:** The 1.27mm spacing is half the size of standard DIP switches (2.54mm), making it suitable for high-density electronic assemblies like IoT devices or handheld modules.
* **Gold-Plated Contacts:** Most parts in this series use gold plating to ensure high reliability and prevent oxidation over long periods of inactivity.
---
### 3. Functional Applications
The JS0404FP4-R is primarily used in electronics for:
1. **Address Setting:** Assigning a unique ID to a device on a shared bus (e.g., RS-485 or DMX networks).
2. **Configuration:** Enabling or disabling specific hardware features without changing the firmware.
3. **Mode Selection:** Switching between different modes of operation (e.g., Test Mode vs. Normal Mode).
---
### 4. PCB Footprint Example
When designing a PCB for this part, the landing pattern usually follows a standard 4-position SMT layout:
```text
[ ] [ ] [ ] [ ] <- Terminals
1 2 3 4
-------------------------
| [ ] [ ] [ ] [ ] | <- Piano Actuators
-------------------------
1' 2' 3' 4'
[ ] [ ] [ ] [ ] <- Terminals
```
- ⤷
What is the difference between a piano-style and a slide-style DIP switch?
- ⤷ Can the JS0404FP4-R withstand wave soldering processes?
- ⤷ What are the typical storage conditions to prevent contact oxidation?