Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • K1525CDMB-R

  • AI
    ## Analysis of K1525CDMB-R The **K1525CDMB-R** is a high-precision, surface-mount (SMD) **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by **CTS Corporation** (formerly Valpey Fisher). These components are designed to provide a highly stable clock signal regardless of temperature fluctuations. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Standard Frequency** | Commonly 10.0 MHz to 52.0 MHz (Specific to exact sub-model) | | **Package Size** | 5.0mm x 3.2mm (Ceramic LCC) | | **Supply Voltage (Vcc)** | +3.3V DC (Typical) | | **Output Type** | CMOS / HCMOS | | **Stability** | ±2.5 ppm (Parts per Million) over temperature | | **Operating Temp Range** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's construction: * **K1525**: Represents the series family (5.0x3.2mm TCXO). * **C**: Indicates the supply voltage (typically 3.3V). * **D**: Represents the frequency stability (usually ±2.5ppm). * **M**: Operating temperature range code (Industrial -40°C to +85°C). * **B**: Output waveform/type (CMOS). * **-R**: Denotes "Tape and Reel" packaging for automated assembly. --- ### 3. Core Electronic Functions The K1525CDMB-R performs three primary roles within a circuit: 1. **Frequency Generation:** Uses a quartz crystal resonator to create a stable periodic electronic signal. 2. **Temperature Compensation:** Unlike a standard crystal, this part contains an internal compensation circuit (thermistor network) that adjusts the crystal's frequency to counteract changes caused by ambient heat or cold. 3. **Clock Distribution:** Provides the "heartbeat" for microprocessors, DSPs, and communication chipsets, ensuring all operations occur at the correct time intervals. --- ### 4. Common Applications * **Telecommunications:** Base stations, small cells, and networking hardware. * **GNSS/GPS:** High-precision positioning systems requiring stable timing. * **Wi-Fi / Bluetooth:** High-speed wireless data links. * **IoT Devices:** Industrial sensors that operate in outdoor environments with extreme temperature swings. --- ### 5. Layout Recommendations When integrating this part into a PCB, engineers should follow these guidelines: * **Bypass Capacitor:** Place a 0.01µF to 0.1µF ceramic capacitor as close as possible to the $V_{cc}$ pin to filter noise. * **Ground Plane:** Use a solid ground plane under the oscillator to reduce Electromagnetic Interference (EMI). * **Isolation:** Keep high-speed digital traces away from the oscillator to prevent frequency jitter.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO like the K1525 and a standard XO?
    • ⤷ How does the '±2.5 ppm' stability affect the performance of a GPS module?
    • ⤷ Are there pin-compatible alternatives if this part is out of stock?