KAP-F3-R./Q
AI

The **KAP-F3-R/Q** is a specific series designation primarily associated with **Power Factor Correction (PFC) Capacitors** manufactured by companies like Kendeil or similar industrial electronic component suppliers. These are designed for heavy-duty industrial applications to improve energy efficiency.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics found in the KAP-F3-R/Q series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Three-phase Power Factor Correction Capacitor |
| **Dielectric Material** | Metallized Polypropylene Film (Self-healing) |
| **Voltage Range** | Usually 230V to 525V AC (50/60 Hz) |
| **Connection** | Delta ($\Delta$) connection internally |
| **Discharge Resistors** | Integrated (reduces residual voltage to <50V within 1 min) |
| **Safety Device** | Overpressure disconnector (Internal fuse mechanism) |
---
### 2. Functional Electronic Parts
The KAP-F3-R/Q is not a single component but an assembly of several electronic sub-parts:
#### A. Metallized Polypropylene (MKP)
The "heart" of the unit. It uses a thin plastic film with a vacuum-deposited metal layer. If a dielectric breakdown occurs (due to a voltage spike), the metal layer evaporates around the point of failure, "healing" the capacitor and preventing a short circuit.
#### B. Discharge Resistors
Safety is a priority. These resistors are wired across the terminals to drain the stored electrical energy once the power is disconnected, preventing electric shocks to technicians.
#### C. Overpressure Disconnector
A mechanical-electronic safety feature. If internal pressure builds up due to overheating or end-of-life failure, the top of the casing expands, physically breaking the internal wires and disconnecting the capacitor from the circuit.
#### D. Dry Resin / Oil Filling
The internal void is filled with non-toxic, biodegradable vegetable oil or dry resin to enhance cooling and insulation properties.
---
### 3. Application Use Cases
* **Motor Compensation:** To offset the inductive load of large industrial motors.
* **Transformer Compensation:** Reducing reactive power losses in distribution transformers.
* **Automatic Capacitor Banks:** Used as modules in large Racks (Q-series often denotes modularity for banks).
---
### 4. Part Number Decoding (Typical)
While specific to the manufacturer, the code generally follows this logic:
* **KAP:** Product Family (Kendeil Advanced Polypropylene).
* **F3:** Three-phase configuration.
* **R/Q:** Specifies the terminal type (R = Stud/Bolt, Q = Fast-on or specific terminal block).
- ⤷
What are the maintenance requirements for KAP-F3 series capacitors?
- ⤷ How does an overpressure disconnector prevent capacitor explosions?
- ⤷ What is the difference between R and Q terminal types in industrial capacitors?