Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • KC-2JLN-R

  • AI
    The **KC-2JLN-R** is a specific electronic component typically categorized as a **Terminal Block** or **Connector**, often associated with industrial electrical systems, power distribution, or specialized machinery. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The KC-2JLN-R is designed to provide a secure, vibration-resistant connection point for wiring. It is frequently used in control panels and power modules where reliability is critical. ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Kacon** or similar industrial suppliers), the general parameters are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block / Power Connector | | **Mounting Type** | DIN Rail or Panel Mount | | **Material** | Polyamide (Insulation), Copper Alloy (Contacts) | | **Termination Method** | Screw Clamp / Bolt-on | | **Current Rating** | High Capacity (Depends on specific gauge) | | **Color Coding** | Often Black/Grey with specific markings | ### 3. Key Electronic Features * **Flame Retardancy:** Usually rated **UL94-V0**, ensuring the plastic casing does not support combustion in the event of an electrical short. * **Contact Resistance:** Engineered for low resistance to prevent heat buildup during high-current operations. * **Insulation Voltage:** Designed to withstand high dielectric surges (often up to 600V - 1000V depending on the series). * **Vibration Resistance:** The "R" suffix often denotes a reinforced or revised locking mechanism to prevent wire loosening in high-vibration environments. ### 4. Application Areas * **Industrial Automation:** Used inside PLC cabinets to distribute power to sensors and actuators. * **Power Supplies:** Acts as the interface between main AC lines and internal circuitry. * **HVAC Systems:** Used for heavy-duty motor wiring and control signaling. --- ### 5. Identification Schematic (Typical) If you are looking at the pinout or physical structure, it generally follows this logic: ```text [ Input Terminal ] ----> [ Internal Busbar ] ----> [ Output Terminal ] | | | (Screw Tighten) (Zinc-Plated Steel) (Screw Tighten) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Amps) for the KC-2JLN-R?
    • ⤷ Is this component compatible with standard 35mm DIN rails?
    • ⤷ What are the recommended wire gauges (AWG) for this terminal?