Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • KDY-F-R

  • AI
    Based on electronic component standards and industrial automation naming conventions, the **KDY-F-R** typically refers to a **Radio Frequency (RF) Remote Control Switching Module** or a specific **Industrial Relay/Receiver unit**. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications The KDY-F-R series is widely used for wireless control of lighting, motors, and industrial machinery. | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | AC 85V - 250V (Wide Voltage) | | **Operating Frequency** | 315MHz or 433MHz (RF) | | **Channel Count** | 1 to 4 Channels (Model dependent) | | **Load Capacity** | 10A to 30A per Relay | | **Encoding Type** | Learning Code (EV1527) or Fixed Code | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) of a KDY-F-R unit generally consists of four primary stages: #### A. Power Supply Stage * **Step-down Capacitor (RC Dropper) or Switching Transformer:** Converts AC mains to low voltage DC (usually 12V or 5V). * **Bridge Rectifier:** Converts AC to DC. * **Voltage Regulator (e.g., 78L05):** Stabilizes the voltage for the microcontroller and RF chip. #### B. RF Receiver Module * **Superheterodyne Receiver Chip:** A high-sensitivity chip (like the SYN480R) that captures wireless signals from the remote. * **Antenna:** A coiled copper wire tuned to 315/433MHz. #### C. Logic Control Unit * **MCU (Microcontroller):** Decodes the incoming RF signal. It checks the "ID" of the remote to ensure it matches the stored pairing code. * **Learning Button:** A tactile switch used to pair new remotes to the EEPROM memory. #### D. Output Stage * **Electromagnetic Relays:** The physical switches that click when activated. * **Flyback Diodes:** Protect the circuit from voltage spikes caused by the relay coils. * **LED Status Indicators:** Show power status and signal reception. --- ### 3. Functional Pinout/Wiring Most KDY-F-R units follow a standard industrial wiring pattern: | Terminal Label | Description | | :--- | :--- | | **L / N** | AC Input (Live and Neutral) | | **COM** | Common terminal for the relay | | **NO** | Normally Open (Connects when "ON") | | **NC** | Normally Closed (Disconnects when "ON") | --- ### 4. Operating Modes The electronic logic allows for three distinct behaviors, usually set via a jumper or the learning button: 1. **Inching (Momentary):** Stays on only while the button is pressed. 2. **Self-locking (Toggle):** Press once for ON, press again for OFF. 3. **Interlocking (Latched):** One button turns it ON, another button turns it OFF.
    ✨ Follow-up Questions
    • ⤷ How do I pair a new remote to the KDY-F-R receiver?
    • ⤷ What is the maximum range of the 433MHz KDY-F-R module?
    • ⤷ Can this module be used to control a 3-phase motor?