KEP-33-R
AI

The **KEP-33-R** is a specific electronic component, typically categorized as a **Piezoelectric Buzzer** (or transducer), often used in industrial signaling, appliances, and security systems.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Key Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | Piezoelectric Indicator (Internal Circuitry) |
| **Operating Voltage** | 3V - 20V DC |
| **Rated Voltage** | 12V DC |
| **Current Consumption** | Max 10mA - 15mA |
| **Sound Pressure Level (SPL)** | ~85dB to 95dB at 30cm |
| **Resonant Frequency** | 3.3 kHz ± 0.5 kHz |
| **Tone Type** | Continuous |
| **Operating Temperature** | -20°C to +70°C |
---
### 2. Internal Electronic Design
The KEP-33-R is an **active buzzer**, meaning it contains its own internal oscillation circuit.
* **Piezo Element:** The core is a ceramic disc that expands and contracts when voltage is applied.
* **Oscillator Circuit:** Unlike passive piezo elements that require a PWM signal from a microcontroller, the "R" series usually indicates a built-in driver. You simply apply a DC voltage to trigger the sound.
* **Housing:** Typically made of Noryl or ABS plastic with a resonance chamber designed to amplify the 3.3kHz frequency.
---
### 3. Connection and Integration
The device is usually designed for **PCB Mounting** or via **Lead Wires** (depending on the specific sub-variant).
#### Pinout/Wiring:
* **Red Wire/Longer Pin (+):** Connect to the Positive DC Supply (3V-20V).
* **Black Wire/Shorter Pin (-):** Connect to Ground (GND).
#### Circuit Example (Simple Switch):
```text
[VCC 12V] --- [Switch/Relay] --- [+] KEP-33-R [-] --- [GND]
```
---
### 4. Application Use Cases
Due to its high sound output and low current draw, it is commonly found in:
1. **Safety Equipment:** Smoke detectors and CO monitors.
2. **Home Appliances:** Microwave end-of-cycle alerts.
3. **Industrial Controls:** Panel-mounted fault indicators.
4. **Automotive:** Reverse sensors or seatbelt reminders.
- ⤷
What is the difference between the KEP-33-R and a passive piezo buzzer?
- ⤷ Can I control the volume of the KEP-33-R using PWM?
- ⤷ What are the mounting dimensions for this specific component?