KFS-B3-R/Q
AI

The **KFS-B3-R/Q** is a specific series of industrial limit switches or micro-switches, typically manufactured by brands like **Kacon** or similar industrial control providers. These devices are designed to convert mechanical motion into an electrical control signal.
---
### 1. Key Technical Specifications
The "R/Q" suffix usually denotes the specific actuator type (e.g., Roller Lever or Plunger).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Contact Configuration** | 1NO + 1NC (Single Pole Double Throw - SPDT) |
| **Rated Voltage** | 250V AC / 125V DC |
| **Rated Current** | 10A to 15A (Resistive Load) |
| **Insulation Resistance** | 100MΩ min. (at 500V DC) |
| **Contact Resistance** | 15mΩ max. (Initial) |
| **Protection Degree** | IP40 to IP65 (Model dependent) |
| **Operating Temperature** | -25°C to +80°C |
---
### 2. Internal Electronic/Mechanical Components
The device consists of several critical internal parts that manage the electrical flow:
1. **Stationary Contacts:** Fixed points connected to the wiring terminals.
2. **Movable Contact (Spring Blade):** A high-conductivity copper alloy leaf spring that snaps between the NO (Normally Open) and NC (Normally Closed) positions.
3. **Actuator:** The physical interface (Roller or Plunger). The "R" usually indicates a **Roller Lever**, while "Q" often refers to a **Cross Roller Plunger** or specific mounting orientation.
4. **Housing:** Usually made of Phenolic resin or high-grade plastic for high dielectric strength and heat resistance.
---
### 3. Wiring Logic
The switch operates on a simple break/make principle. Below is a representation of the terminal logic:
```c
Terminal COM (Common) --> Power Input
Terminal NC (Closed) --> Power output when switch is IDLE
Terminal NO (Open) --> Power output when switch is PRESSED
```
---
### 4. Common Applications
* **Safety Interlocks:** Ensuring a machine door is closed before operation.
* **Position Detection:** Sensing the end-of-travel for a CNC axis or conveyor belt.
* **Object Counting:** Triggering a pulse when an item passes a roller.
---
- ⤷What is the difference between the R and Q actuator types in this series?
- ⤷ How do I wire the KFS-B3 for a fail-safe emergency stop circuit?
- ⤷ What is the mechanical lifespan (cycles) for this specific switch?