Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • KFS-CC-R

  • AI
    The **KFS-CC-R** (often associated with industrial instrumentation or specific flow sensor controllers) refers to a specialized electronic module. In most industrial contexts, this model number designates a **Compact Capacitive Flow Sensor/Switch** or a control unit designed for monitoring fluid levels or flow states. Below is an explanation of the electronic components and technical characteristics typical of this device. --- ### 1. Core Electronic Components The device operates using a blend of analog sensing and digital switching circuitry: | Component | Function | | :--- | :--- | | **Capacitive Sensing Element** | Detects changes in the dielectric constant of the medium (liquid/gas) passing the probe. | | **Potentiometer** | An adjustable resistor used to set the "Switch Point" or sensitivity threshold. | | **Signal Converter** | Translates the capacitive change into a measurable voltage or current signal. | | **Relay/Transistor Output** | The physical switch (often an NPN/PNP transistor or a dry contact relay) that opens or closes the circuit. | | **LED Indicators** | Visual feedback (usually Green for Power, Yellow/Red for Switching Status). | --- ### 2. Technical Specifications Most electronic parts in the KFS-CC series adhere to the following electrical parameters: * **Operating Voltage:** Typically **24V DC** (range of 18-30V DC is common). * **Output Type:** * **NO/NC (Normally Open/Normally Closed)** selectable logic. * **PNP or NPN** transistor outputs for PLC integration. * **Current Consumption:** Low power draw, usually **< 50mA**. * **Switching Current:** Maximum load capacity usually capped at **200mA - 400mA**. --- ### 3. Connection Diagram Logic The wiring typically involves a 3-wire or 4-wire M12 connector system: ```mermaid graph LR A[Brown: +24V DC] --- B(KFS-CC-R Internal Circuit) C[Blue: 0V / GND] --- B B --- D[Black: Switch Output/Signal] B --- E[White: Logic Configuration/Teach-In] ``` --- ### 4. Operational Features 1. **Sensitivity Adjustment:** The "R" in the series often denotes a specific range or adjustment capability. Users can calibrate the electronics to ignore foam or buildup on the sensor tip. 2. **Temperature Compensation:** Integrated thermistors help the electronic circuit maintain accuracy despite fluctuations in the fluid temperature. 3. **Short-Circuit Protection:** Most modern versions include an electronic fuse or thermal shutdown to protect the output transistor from over-current.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M12 connector on this model?
    • ⤷ How do I calibrate the sensitivity potentiometer for low-conductivity liquids?
    • ⤷ Can this sensor be used with both NPN and PNP logic controllers?