Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • KMS-F-R/K

  • AI
    ### Analysis of KMS-F-R/K Electronic Components The **KMS-F-R/K** refers to a high-precision electronic force sensor (load cell), typically utilized in industrial automation, weighing systems, and material testing. These sensors convert mechanical force into a measurable electrical signal through specific internal electronic structures. --- ### Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Strain Gauges** | High-precision metallic foils or semiconductors. | Detects minute deformations in the sensor body and changes electrical resistance accordingly. | | **Wheatstone Bridge** | A circuit of four resistors (strain gauges). | Converts the small change in resistance into a differential voltage signal (mV/V). | | **Compensation Resistors** | Specialized precision resistors. | Compensates for thermal drift and zero-point fluctuations caused by temperature changes. | | **Internal Wiring** | Shielded, low-resistance cabling. | Transmits the low-level signal to the output connector while minimizing EMI (Electromagnetic Interference). | --- ### Technical Specifications & Output Characteristics The electronic behavior of the KMS-F-R/K is defined by its sensitivity and electrical requirements: 1. **Excitation Voltage:** Usually operates between **5V to 15V DC**. Stable power is critical for accuracy. 2. **Output Sensitivity:** Typically rated in **mV/V**. For example, if the rating is 2.0mV/V and the excitation is 10V, the full-scale output is 20mV. 3. **Input/Output Resistance:** * *Input:* Usually ~350Ω or 700Ω (defines the load on the power supply). * *Output:* Usually matches input resistance for signal stability. 4. **Insulation Resistance:** Typically **>2000 MΩ**, ensuring no leakage between the internal circuit and the metal housing. --- ### Wiring Configuration (Standard 4-Wire) The KMS-F-R/K generally follows a standard color-coded wiring scheme to interface with amplifiers or PLCs: ```yaml Red: Excitation (+) [Power Input] Black: Excitation (-) [Ground] Green: Signal (+) [Positive Millivolt Output] White: Signal (-) [Negative Millivolt Output] Shield: Earth/Ground [Protection against noise] ``` ### Signal Processing Requirements Because the electronic output is in the millivolt range, it cannot be read directly by most microcontrollers. It requires: * **Instrumentation Amplifier:** To boost the signal. * **ADC (Analog-to-Digital Converter):** High resolution (24-bit, like the HX711 or ADS1232) is recommended to maintain the sensor's precision. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum weight capacity for the KMS-F-R/K series?
    • ⤷ How do you calibrate a 4-wire KMS force sensor?
    • ⤷ Which signal amplifiers are compatible with this specific model?