KS2-65-R
AI

The **KS2-65-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) or a specialized **mechanical keyboard switch**, depending on the manufacturer (most notably associated with brands like Gateron or specific industrial suppliers).
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The KS2 series often refers to the mechanical design architecture, while the "65" denotes specific force or iteration parameters, and "R" usually indicates the stem color (Red) or a specific revision.
| Parameter | Typical Value |
| :--- | :--- |
| **Switch Type** | Linear (Mechanical) |
| **Actuation Force** | 45g ± 15g |
| **Total Travel** | 4.0mm ± 0.6mm |
| **Pre-travel** | 2.0mm ± 0.6mm |
| **Contact Material** | Gold-plated / Silver alloy |
| **Lifespan** | 50 - 80 Million Cycles |
---
### 2. Electrical Characteristics
From an electronic engineering perspective, the KS2-65-R acts as a **Momentary SPST (Single Pole Single Throw)** switch.
* **Contact Resistance:** Generally $< 100m\Omega$. This ensures that when the switch is closed, the voltage drop across the component is negligible.
* **Insulation Resistance:** $> 100M\Omega$ at 500V DC. This prevents current leakage between the pins when the switch is open.
* **Dielectric Strength:** 250V AC for 1 minute.
* **Bounce Time:** $< 5ms$. This is critical for firmware designers, as "debouncing" logic must be applied to prevent a single press from registering as multiple inputs.
---
### 3. Pin Configuration and Mounting
The "R" variant often specifies the mounting style, which impacts PCB design:
1. **Plate Mount (3-Pin):** Consists of two metal contact pins and one large center plastic pillar.
2. **PCB Mount (5-Pin):** Includes the 3 standard pins plus two extra plastic stability pins.
3. **LED Compatibility:** Most KS2-65-R models feature a "through-hole" or a "clear housing" design to allow **SMD LEDs** or **4-pin RGB LEDs** to shine through the switch body.
---
### 4. Materials and Construction
The electronic reliability of the KS2-65-R is derived from its high-quality housing materials:
* **Top Housing:** Polycarbonate (PC) or Nylon.
* **Bottom Housing:** Nylon (PA66).
* **Stem:** POM (Polyoxymethylene), chosen for its low friction and durability.
* **Spring:** Stainless steel with high fatigue resistance.
---
### 5. Application Example
In a typical circuit, the KS2-65-R is used in a **Switch Matrix** configuration to save GPIO pins on a microcontroller (like an ATmega32U4).
```cpp
// Example: Basic Debounce Logic for KS2-65-R
int switchPin = 2;
int state = HIGH;
unsigned long lastDebounceTime = 0;
unsigned long debounceDelay = 5; // 5ms based on part spec
void loop() {
int reading = digitalRead(switchPin);
if (reading != lastDebounceTime) {
lastDebounceTime = millis();
}
// Logic to confirm press...
}
```
- ⤷
What is the difference between the 'R' (Red) and 'B' (Blue) versions of this switch series?
- ⤷ How do I calculate the debounce delay for this specific switch in a firmware environment?
- ⤷ Is the KS2-65-R compatible with Hot-swap PCB sockets?