AI

The **KS2-B5-R** refers to a specific series of miniature, high-reliability toggle switches, commonly manufactured by brands like **OTTO Controls**. These components are engineered for demanding environments, such as aerospace, defense, and industrial machinery.
Below is a breakdown of the electronic and physical characteristics of this part.
---
### 1. Technical Specifications
The "KS2" series typically denotes a sealed, sub-miniature toggle switch. Here are the core specifications:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Switch Action** | On-None-On (Maintained) |
| **Current Rating** | 5 Amps @ 28VDC / 115VAC |
| **Sealing Level** | IP68S (Submersible) or MIL-PRF-83731 |
| **Terminal Type** | Solder Terminals / PC Pins |
| **Operating Temp** | -55°C to +85°C |
---
### 2. Key Electronic Components & Design
#### A. Contact Mechanism
The internal contacts are usually made of **silver with gold plating**.
* **Silver** provides excellent conductivity for high-current loads.
* **Gold plating** prevents oxidation, ensuring low contact resistance even when the switch is used infrequently in low-power (logic level) circuits.
#### B. Sealing and Insulation
The "R" suffix often refers to a specific RoHS compliance or a reinforced sealing method.
* **Silicone Boot/Seal:** The toggle base is sealed to prevent moisture, dust, and sand from entering the contact chamber.
* **Dielectric Strength:** These parts are designed to withstand high voltages (typically 1,000 Vrms) between the terminals and the case without arcing.
#### C. Mechanical Life
Unlike consumer-grade switches, the KS2-B5-R is rated for high mechanical endurance, often exceeding **50,000 to 100,000 cycles**. This is achieved through a "snap-action" spring mechanism that ensures a fast, clean break of the electrical connection to minimize electrical pitting.
---
### 3. Part Number Breakdown (Generic OTTO Format)
| Prefix | Mounting/Style | Terminal Style | Contact Material |
| :--- | :--- | :--- | :--- |
| **KS2** | Sub-miniature Series | **B5**: Standard Bushing | **R**: RoHS Compliant / Specific Finish |
---
### 4. Common Applications
* **Avionics:** Cockpit control panels where space is limited.
* **Military Handhelds:** Ruggedized radio and GPS equipment.
* **Heavy Equipment:** Control sticks for cranes or excavators.
* **Marine Electronics:** Dashboards exposed to salt spray and water.
- ⤷
What is the difference between SPDT and DPDT configurations in the KS2 series?
- ⤷ Does this switch require a specific torque for panel mounting?
- ⤷ Can the KS2-B5-R handle low-level logic currents below 10mA?