AI

The **KSZ9563R** is a highly integrated, IEEE 802.3 compliant networking device manufactured by Microchip Technology. It is a **3-port Gigabit Ethernet Switch** designed for industrial and automotive applications where low power and high reliability are required.
---
## 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Number of Ports** | 3 (2x 10/100/1000 Mbps PHYs + 1x RGMII/MII/RMII Interface) |
| **Interface Type** | RGMII / MII / RMII (to Host CPU or FPGA) |
| **Management Interface** | I2C, SPI, or MIIM (MDIO/MDC) |
| **Voltage Supply** | 1.8V, 2.5V, or 3.3V I/O options |
| **Package** | 64-pin VQFN (8mm x 8mm) |
| **Standard Support** | IEEE 1588v2 PTP, Audio Video Bridging (AVB), TSN |
---
## 2. Core Functional Blocks
### A. The Switching Engine
The heart of the KSZ9563R is a non-blocking switch fabric. It handles wire-speed switching for all ports simultaneously. It supports:
* **VLAN Support:** IEEE 802.1Q VLAN tagging and port-based VLANs.
* **QoS (Quality of Service):** 4-level priority queues per port to prioritize time-sensitive data.
* **MAC Table:** Integrated address look-up engine with a 8K entry MAC address table.
### B. Integrated PHYs (Ports 1 & 2)
Ports 1 and 2 contain integrated **10/100/1000BASE-T Transceivers**. These parts handle the physical signaling over copper twisted-pair cables.
* **Auto-Negotiation:** Automatically matches speed and duplex mode.
* **MDI/MDI-X:** Automatic crossover detection (no need for crossover cables).
### C. The MAC Port (Port 3)
Port 3 does not have a physical copper interface. Instead, it provides a **MAC-to-MAC** or **MAC-to-PHY** interface (RGMII/MII/RMII). This is typically connected to:
* An Application Processor (SoC).
* An FPGA.
* Another Ethernet switch to cascade ports.
---
## 3. Advanced Features
### Time-Sensitive Networking (TSN) & PTP
The KSZ9563R is widely used in industrial automation because it supports **IEEE 1588v2 Precision Time Protocol (PTP)**. This allows the hardware to timestamp packets with nanosecond accuracy, enabling synchronized clocks across a network.
### Power Management
The chip includes **Energy Efficient Ethernet (EEE)** and **Wake-on-LAN (WoL)**. It can enter low-power states when network traffic is absent, significantly reducing the thermal footprint of the PCB.
---
## 4. Typical Application Circuit
When designing with the KSZ9563R, several external components are required:
```mermaid
graph LR
A[RJ45 Connector] --- B[Magnetic Transformer]
B --- C[KSZ9563R Port 1/2]
C --- D[25MHz Crystal/Oscillator]
C --- E[SPI/I2C Control Bus]
C --- F[RGMII Interface]
F --- G[Main Processor/SoC]
```
* **Magnetics:** Requires external transformers (or MagJacks) for isolation.
* **Clocking:** A 25MHz crystal or external clock source is mandatory.
* **Decoupling:** Multiple capacitors (typically 0.1uF and 4.7uF) are needed for the VDD pins to filter high-frequency noise.
---
- ⤷
What are the main differences between RGMII and RMII modes for Port 3?
- ⤷ How does the IEEE 1588v2 PTP feature benefit industrial automation systems?
- ⤷ What are the power consumption characteristics of the KSZ9563R during full Gigabit operation?