Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • KTN-R-60

  • AI
    ## Analysis of the KTN-R-60 Fuse The **KTN-R-60** is a specific type of industrial-grade electrical fuse belonging to the **Limitron™** series, manufactured primarily by **Eaton Bussmann**. It is designed for high-speed response and superior current limitation. --- ### 1. Technical Specifications The following table outlines the core electrical characteristics of the KTN-R-60: | Feature | Specification | | :--- | :--- | | **Current Rating** | 60 Amperes | | **Voltage Rating** | 250 Volts AC (Maximum) | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK1 | | **Body Material** | Melamine (typically) | | **Dimensions** | 0.81" Diameter x 3.0" Length | | **Type** | Fast-Acting / Current Limiting | --- ### 2. Key Features and Functions * **Fast-Acting Response:** Unlike "Time-Delay" fuses, the KTN-R-60 is designed to open almost instantaneously when it detects a short circuit. This protects sensitive electronic components that cannot withstand prolonged overcurrent. * **High Current Limitation:** It significantly restricts the "let-through" energy. By opening quickly, it prevents the peak fault current from reaching its full potential, protecting downstream equipment from thermal and magnetic stress. * **Class RK1 Standards:** As a Class RK1 fuse, it provides a higher degree of current limitation than the standard Class RK5 fuses. It is physically designed with a rejection feature to prevent the installation of less capable fuses into the same holder. --- ### 3. Common Applications The KTN-R-60 is typically utilized in environments where high-speed protection is critical: 1. **Branch Circuit Protection:** Used in electrical panels to protect specific lines. 2. **VFD Protection:** Often used to protect Variable Frequency Drives and other sensitive power electronics. 3. **Resistive Loads:** Ideal for electric heating systems where there are no high-inrush currents (unlike motors). 4. **Main Switches:** Used in fused disconnects for machinery. --- ### 4. Comparison: KTN-R vs. KTS-R It is important to distinguish the KTN-R from its sibling series to avoid installation errors: | Model | Voltage Rating | Common Use Case | | :--- | :--- | :--- | | **KTN-R-60** | 250V AC | Lower voltage commercial/industrial circuits. | | **KTS-R-60** | 600V AC | High voltage industrial power distribution. | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK1 and a Class RK5 fuse in terms of protection?
    • ⤷ Can a KTN-R-60 fuse be used in a DC circuit
    • ⤷ or is it strictly for AC?
    • ⤷ What are the specific rejection features that prevent incorrect fuse installation in an RK1 holder?