Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • KWMS2-AA-R

  • AI
    The **KWMS2-AA-R** is an electronic component manufactured by **Kingbright**. It belongs to the category of optoelectronics, specifically functioning as a small-scale LED display module. --- ## 1. Component Overview The KWMS2-AA-R is a **Micro-Dot Matrix LED Display**. These components are typically used in applications where space is extremely limited but visual status indication or alphanumeric characters are required. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Kingbright | | **Type** | Dot Matrix Display | | **Array Configuration** | 5 x 7 Dots | | **Emitting Color** | Hyper Red | | **Wavelength** | 640 nm (Peak) | | **Luminous Intensity** | ~3000 µcd (at 10mA) | | **Lens Type** | Water Clear | --- ## 2. Technical Characteristics ### A. Electrical Properties * **Forward Voltage ($V_F$):** Typically around **1.85V to 2.5V**. Like most LEDs, it requires a current-limiting resistor to prevent burnout. * **Forward Current ($I_F$):** Generally rated for **20mA** per dot, though it is often driven at lower currents for power efficiency. * **Power Dissipation:** Low power consumption, making it ideal for battery-operated handheld devices. ### B. Optical Properties * **Hyper Red (AlGaInP):** This material technology provides high efficiency and high brightness even at low current levels. * **Viewing Angle:** Wide viewing angles due to the dot matrix arrangement and clear lens construction. ### C. Construction * **Surface Mount Device (SMD):** The "S" in the prefix often denotes SMD compatibility, allowing for automated "pick and place" assembly on PCBs. * **Dimensions:** It features an ultra-miniature footprint compared to traditional 0.7-inch or 1.0-inch matrix displays. --- ## 3. Pin Configuration & Logic The device usually operates on a **Column Cathode / Row Anode** (or vice-versa) multiplexing scheme. 1. **Multiplexing:** To display a character, the controller rapidly switches between rows and columns. 2. **Drivers:** Typically driven by shift registers (like the 74HC595) or dedicated LED driver ICs (like the MAX7219). --- ## 4. Common Applications * **Wearable Technology:** Smartwatches or fitness trackers for simple icons. * **Industrial Panels:** Status indicators where a single LED is not descriptive enough. * **Medical Devices:** Handheld diagnostic tools. * **Consumer Electronics:** Audio equipment volume levels or mode indicators.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the KWMS2-AA-R?
    • ⤷ Which LED driver IC is best recommended for a 5x7 matrix display?
    • ⤷ What are the dimensions in millimeters for this specific SMD package?