KWS-R-6
AI

### Overview of the KWS-R-6 Fuse
The **KWS-R-6** is a high-performance **Class RK1** current-limiting fuse, specifically designed for industrial electrical protection. It is manufactured by Eaton's Bussmann Division and is part of the "Limitron" series.
---
### Technical Specifications
The following table details the primary electronic and physical characteristics of the KWS-R-6:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 6 Amperes |
| **Voltage Rating (AC)** | 600 Vac |
| **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) |
| **Fuse Class** | Class RK1 |
| **Body Material** | Melamine / Glass Polyester |
| **Contact Material** | Silver-plated brass/copper ends |
| **Standard Dimensions** | 5.0" x 0.81" (approx. 127mm x 21mm) |
---
### Key Electronic Functions
#### 1. Fast-Acting Response
Unlike time-delay fuses (which are designed to ignore momentary surges from motors), the KWS-R-6 is **fast-acting**. It responds almost instantaneously to overcurrents and short circuits, making it ideal for protecting sensitive components.
#### 2. Current Limitation
As a Class RK1 fuse, it provides a high degree of current limitation. In the event of a massive short circuit, the fuse clears the fault so quickly that the peak current never reaches its full potential, preventing thermal and magnetic damage to downstream equipment.
#### 3. High Interrupting Capacity
With a rating of **200kA**, this fuse can safely extinguish internal arcs even in environments with very high available fault currents (high-capacity utility transformers).
---
### Physical Components and Construction
* **Internal Element:** A precisely calibrated silver or copper-alloy link. It is designed to melt at a specific thermal threshold.
* **Arc Quenching Filler:** The interior is filled with high-purity silica sand. When the element melts, the sand turns into a non-conductive "fulgurite" (glass-like substance) that absorbs the energy of the electrical arc.
* **Reject Feature:** The "R" in RK1 signifies a rejection feature. The end caps are shaped to ensure they can be used in rejection-style fuse clips, preventing someone from accidentally installing a lower-rated (Class H or K) fuse in the same slot.
---
### Common Applications
The KWS-R-6 is typically used in the following electronic and electrical environments:
1. **Branch Circuit Protection:** Standard industrial power distribution.
2. **Control Transformers:** Protecting the primary side of small transformers.
3. **Resistance Heaters:** Where there are no high inrush currents.
4. **Solid-State Devices:** Sometimes used as supplementary protection for sensitive electronics (though semiconductor-specific fuses are more common for high-speed power electronics).
- ⤷
What is the difference between an RK1 and an RK5 fuse in terms of circuit protection?
- ⤷ Can the KWS-R-6 be used in DC voltage applications?
- ⤷ What are the recommended fuse holders for a 600V Class RK1 fuse?