L2CE-5J-R
AI

The **L2CE-5J-R** is a specific part number belonging to the **LUMILEDS LUXEON CoB (Chip on Board) Core Range**. This electronic component is a high-power LED array designed for lighting applications that require high lumen density and efficacy.
---
## Technical Specifications
The following table outlines the primary electrical and optical characteristics typical for this specific series:
| Characteristic | Specification (Typical) |
| :--- | :--- |
| **Manufacturer** | Lumileds |
| **Series** | LUXEON CoB Core Range (Gen 2/3) |
| **Configuration** | Chip on Board (CoB) |
| **Color Temperature (CCT)** | 5000K (indicated by the '5') |
| **Color Rendering Index (CRI)** | 70 or 80 (varies by sub-bin) |
| **Forward Voltage ($V_f$)** | ~34V to 36V |
| **Forward Current ($I_f$)** | ~450mA (nominal) |
| **Light Emitting Surface (LES)** | 9mm to 13mm (depending on package size) |
---
## Key Component Features
### 1. Chip on Board (CoB) Technology
Unlike standard SMD (Surface Mount Device) LEDs, the CoB architecture mounts multiple LED chips directly onto a substrate to create a single module. This results in:
* **Higher Lumen Density:** More light from a smaller surface area.
* **Improved Thermal Management:** The ceramic or metal substrate dissipates heat more efficiently than plastic packages.
* **Uniform Light:** Reduces the "multi-shadow" effect seen in discrete LED arrays.
### 2. Optical Performance
The "5J" in the part number typically refers to the **5000K Cool White** spectrum. These parts are engineered for "Hot-Targeting," meaning the color remains stable at actual operating temperatures (usually 85°C) rather than just at room temperature testing.
### 3. Mechanical Construction
* **Substrate:** Usually high-reflectivity aluminum or ceramic.
* **Encapsulation:** Silicone resin mixed with phosphor.
* **Solder Pads:** Large gold-plated pads for easy wire bonding or use with "poke-in" LED holders (connectors).
---
## Application Use Cases
Because of its high intensity and directional light output, the L2CE-5J-R is commonly used in:
* **Commercial Downlights:** Recessed ceiling lights for offices or retail.
* **High Bay Lighting:** Industrial lighting for warehouses.
* **Street Lighting:** High-efficiency outdoor illumination.
* **Spotlights:** Track lighting for galleries or storefronts.
---
- ⤷
What are the recommended thermal management solutions for CoB LEDs?
- ⤷ How does the 'Hot-Targeting' feature affect the driver selection?
- ⤷ Can you provide a comparison between the L2CE series and the Cree CXB series?