L5030-AF5-R
AI

The **L5030-AF5-R** is a specific low-dropout (LDO) linear voltage regulator, typically manufactured by UTC (Unisonic Technologies). It is designed for applications requiring high efficiency and low noise in a compact form factor.
---
## 1. Component Overview
The L5030 series is characterized by its high output voltage accuracy and low quiescent current. The "AF5" suffix typically denotes the package type, while the "R" indicates the tape and reel packaging.
### Key Specifications
| Parameter | Description |
| :--- | :--- |
| **Output Voltage** | Fixed (3.0V typically, though variants exist) |
| **Input Voltage Range** | Up to 6V - 7V (Absolute Maximum) |
| **Output Current** | 300mA maximum |
| **Dropout Voltage** | Low (approx. 200mV @ 100mA) |
| **Package Type** | SOT-25 (SOT-23-5) |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Pin Configuration (SOT-25)
The L5030-AF5-R generally follows the standard 5-pin SOT-23-5 pinout:
| Pin Number | Pin Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (High = ON, Low = OFF) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor (for noise reduction) |
| 5 | **VOUT** | Regulated Output Voltage |
---
## 3. Core Features
* **Low Quiescent Current:** Minimizes power consumption during standby, making it ideal for battery-powered devices.
* **Built-in Protections:**
* **Current Limit:** Protects the IC during output short circuits.
* **Thermal Shutdown:** Prevents damage caused by overheating.
* **High PSRR:** Excellent Power Supply Rejection Ratio, filtering out noise from the input supply.
---
## 4. Typical Application Circuit
To ensure stability, LDOs like the L5030 require external capacitors.
```mermaid
graph LR
A[Input Voltage] --> B(Cin: 1uF)
B --> C[L5030 Pin 1: VIN]
C --> D[L5030 Pin 5: VOUT]
D --> E(Cout: 1uF)
E --> F[Regulated Output]
G[GND] --- C
G --- D
```
### Critical Components
1. **Input Capacitor ($C_{IN}$):** A 1.0µF ceramic capacitor is recommended to prevent source impedance issues.
2. **Output Capacitor ($C_{OUT}$):** A 1.0µF (or higher) ceramic capacitor is required for phase compensation and stability.
---
## 5. Applications
* **Mobile Phones:** Powering RF stages or sensors.
* **Portable Electronics:** MP3 players, handheld GPS, and digital cameras.
* **Reference Voltages:** Providing steady voltage for ADCs or Microcontrollers.
- ⤷
What are the equivalent alternative parts for the L5030-AF5-R?
- ⤷ How does the dropout voltage affect the efficiency of this LDO?
- ⤷ Can this regulator be used with an input voltage significantly higher than 6V?