L5030L-AF5-R
AI

The **L5030L-AF5-R** is a specific integrated circuit, typically categorized as a **Low Dropout (LDO) Linear Regulator**. It is designed to provide a stable, fixed output voltage from a variable input source with minimal power loss.
Below is a detailed breakdown of its specifications, pinout, and characteristics.
---
### 1. Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Output Voltage** | 3.0V (Fixed) |
| **Output Current** | 300mA |
| **Input Voltage Range** | Up to 6.0V - 7.0V |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Quiescent Current** | Low (typically < 70µA) |
| **Dropout Voltage** | ~200mV to 400mV @ 300mA |
| **Enable Function** | Yes (Logic Controlled) |
---
### 2. Part Number Breakdown
Understanding the suffix helps in identifying the exact variant:
* **L5030**: Series identifier (300mA LDO).
* **L**: Output voltage indicator (3.0V).
* **AF5**: Package code (SOT-25 / SOT-23-5).
* **R**: Packing code (Tape & Reel).
---
### 3. Pin Configuration (SOT-23-5)
The device typically follows a standard 5-pin layout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable Pin (High = On, Low = Off) |
| 4 | **NC/BP** | No Connection or Bypass Capacitor (for noise reduction) |
| 5 | **VOUT** | Regulated Output Voltage (3.0V) |
---
### 4. Key Features and Usage
* **Low Dropout Voltage:** This allows the device to regulate 3.0V even when the battery or input voltage drops very close to 3.0V, maximizing battery life.
* **Thermal Protection:** Includes internal thermal shutdown circuitry to prevent damage from overheating.
* **Current Limiting:** Protects the IC and the system in case of a short circuit.
* **Application Areas:**
* Battery-powered handheld devices.
* Reference voltage sources for Microcontrollers (MCUs).
* Wireless modules (Wi-Fi/Bluetooth) requiring clean 3.0V power.
---
### 5. Standard Application Circuit
To ensure stability, LDOs require external capacitors:
```c
// Typical Schematic Representation
[Input Voltage] ----> [VIN] (Pin 1)
|
[1uF Capacitor]
|
[GND] (Pin 2)
|
[Enable Signal] ----> [EN] (Pin 3)
|
[3.0V Output] <---- [VOUT] (Pin 5)
|
[1uF - 10uF Cap]
|
[GND]
```
---
- ⤷
What are the equivalent alternatives to the L5030L-AF5-R?
- ⤷ How does the dropout voltage affect battery efficiency in this specific IC?
- ⤷ What is the maximum input voltage safety margin for this part?