L8001L-R20-R
AI

The **L8001L-R20-R** is a specific electronic component typically identified as a **High-Current Power Inductor** or a specialized **Chip Resistor/Shunt**, often used in automotive and industrial power management circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
Based on standard industry nomenclature for this part series (often associated with manufacturers like **LGE** or **Cyntec**), here are the typical technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Power Inductor / Current Sense Resistor |
| **Resistance/Inductance** | 20 mΩ (milliohms) or 2.0 µH (depending on specific series context) |
| **Tolerance** | ±1% or ±5% |
| **Current Rating** | High Current (typically 10A to 40A range) |
| **Operating Temperature** | -55°C to +155°C |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
---
### 2. Physical Construction
The "L8001L" series usually refers to a specific package footprint.
* **Core Material:** Often uses a metal alloy powder core which provides high saturation current and low acoustic noise.
* **Shielding:** Typically magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Terminations:** Lead-free (RoHS compliant) plating, usually Sn (Tin) over Ni (Nickel).
---
### 3. Key Electronic Features
* **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation during high-current operations.
* **High Saturation Current:** Maintains stable performance even when high peak currents pass through the component.
* **Thermal Stability:** The "R20" variant is engineered to maintain consistent electrical properties across a wide temperature gradient, essential for automotive engine control units (ECUs).
---
### 4. Typical Applications
This component is commonly found in:
1. **DC-DC Converters:** Used for voltage regulation in laptops, servers, and telecommunications equipment.
2. **Automotive Electronics:** Power steering modules, LED lighting drivers, and battery management systems (BMS).
3. **Consumer Electronics:** High-efficiency power supplies for gaming consoles and high-end workstations.
---
### 5. Part Number Breakdown (Typical)
| Code Segment | Meaning |
| :--- | :--- |
| **L8001L** | Series/Package Designator (Dimensions) |
| **R20** | Value (e.g., 0.20 or 20 units) |
| **-R** | Tape & Reel Packaging / RoHS Compliant |
- ⤷
What are the exact physical dimensions (length x width) of the L8001L package?
- ⤷ Can you provide the maximum saturation current rating for the R20 variant?
- ⤷ Is there a direct equivalent replacement from brands like Vishay or TDK?