Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LA3336-RU

  • AI
    The **LA3336-RU** is a specialized Integrated Circuit (IC) primarily designed as a **PLL (Phase-Locked Loop) FM Stereo Multiplex Decoder**. It is commonly found in radio circuitry, specifically in automotive and portable audio systems. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Manufacturer** | Sanyo (acquired by ON Semiconductor) | | **Function** | FM Stereo Multiplex Decoder | | **Supply Voltage (Vcc)** | Typically 3.0V to 14.0V (Standard: 9.0V) | | **Package Type** | DIP-16 (Dual In-line Package) | | **Quiescent Current** | ~11.5 mA | | **Channel Separation** | 45 dB (Typical) | | **Total Harmonic Distortion (THD)** | 0.05% | --- ### 2. Core Functional Components The IC integrates several electronic stages to process a composite FM signal into Left and Right audio channels: * **Phase-Locked Loop (PLL):** Uses a voltage-controlled oscillator (VCO) to lock onto the 19kHz pilot signal from the FM broadcast. * **Stereo Switch:** Automatically switches between Mono and Stereo modes depending on the signal strength and presence of the pilot carrier. * **Pilot Canceller:** Built-in circuitry to reduce the 19kHz pilot leakage into the audio output, improving sound clarity. * **Forced Mono Function:** Allows the system to be manually set to Mono to reduce noise in weak signal conditions. * **VCO Stop:** A pin function to stop the oscillator, often used during AM reception to prevent interference. --- ### 3. Application Circuit Components When using the LA3336-RU, several external passive components are required: 1. **Low-Pass Filter (LPF):** Connected to the input to remove high-frequency noise. 2. **De-emphasis Capacitors:** Connected to the output pins to restore the original frequency balance of the audio. 3. **VCO Resonator:** Usually an RC network (Resistor/Capacitor) or a ceramic resonator used to set the 76kHz free-running frequency (which is then divided down to 19kHz). 4. **Separation Potentiometer:** A variable resistor used to fine-tune the separation between the Left and Right channels. --- ### 4. Common Failure Symptoms If the LA3336-RU or its surrounding components fail, you may notice: * **Loss of Stereo:** The radio plays only in Mono, even with a strong signal. * **No Audio Output:** If the internal amplifier or switching stage fails. * **High Distortion:** Occurs if the PLL cannot lock onto the pilot frequency correctly.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LA3336-RU DIP-16 package?
    • ⤷ How do you adjust the VCO frequency for this specific IC?
    • ⤷ Can the LA3336-RU be replaced with the LA3335 model?