LAM-1641-R82K-F
AI

The **LAM-1641-R82K-F** is a specific electronic component, typically categorized as a **Fixed Inductor** (Surface Mount Device - SMD). It is commonly used in high-frequency circuits, power management, and signal filtering.
---
### 1. Technical Specifications
Below are the typical parameters associated with this part number (based on standard naming conventions for the LAM series):
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.82 µH | Indicated by the code "R82" |
| **Tolerance** | ±10% | Indicated by the "K" suffix |
| **Type** | Fixed Inductor | Wire-wound or Multilayer ceramic/ferrite |
| **Mounting Type** | Surface Mount (SMD) | Designed for PCB soldering |
| **Packaging** | Tape & Reel | Standard for automated assembly |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its characteristics:
* **LAM**: Series identifier (usually referring to high-frequency or miniature power inductors).
* **1641**: Physical dimensions or series size (typically 1.6mm x 0.8mm or similar proprietary sizing).
* **R82**: Inductance value. The "R" acts as a decimal point. **R82 = 0.82 µH**.
* **K**: Tolerance code. **K = ±10%** (J would be ±5%, M would be ±20%).
* **F**: Lead-free / RoHS compliant designation.
---
### 3. Common Applications
These components are generally found in the following electronic environments:
1. **RF Circuits:** Used for impedance matching or frequency tuning in wireless communication devices.
2. **DC-DC Converters:** Acts as an energy storage element in miniature power supply modules.
3. **EMI Filtering:** Suppresses high-frequency noise in sensitive signal lines.
4. **Mobile Electronics:** Due to its small form factor, it is ideal for smartphones, tablets, and wearables.
---
### 4. Key Performance Factors
When integrating this part into a circuit, engineers look at:
* **Self-Resonant Frequency (SRF):** The frequency at which the part stops acting like an inductor.
* **DC Resistance (DCR):** The internal resistance of the coil; lower is better for efficiency.
* **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage.
- ⤷
What are the equivalent alternative part numbers for the LAM-1641-R82K-F?
- ⤷ How does the temperature coefficient affect the performance of this inductor?
- ⤷ What is the maximum DC current rating for this specific series?