AI

The **LCMXO2-2000HC-4TG100I** is a non-volatile Field Programmable Gate Array (FPGA) from the **Lattice MachXO2** family. It is widely used in system-on-chip designs for glue logic, bridge functions, and basic control tasks due to its low power consumption and instant-on capability.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific capabilities of this component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Bridging & Expansion FPGA) |
| **2000** | LUT Count | Approximately 2112 Look-Up Tables |
| **HC** | Voltage/Power | High Performance / 2.5V or 3.3V VCC |
| **4** | Speed Grade | Standard Speed (higher numbers are faster) |
| **TG100** | Package Type | 100-pin TQFP (Thin Quad Flat Pack) |
| **I** | Temp Grade | Industrial Grade (-40°C to +100°C) |
---
### 2. Key Technical Specifications
The device balances logic density with integrated hard IP (Intellectual Property) to reduce external component counts.
* **Logic Cells:** 2112 LUTs (Look-Up Tables).
* **User I/O:** 79 programmable I/O pins.
* **Embedded Memory:** 74 kbits of sysMEM Embedded Block RAM (EBR).
* **User Flash Memory:** 64 kbits of non-volatile User Flash Memory (UFM) for data storage.
* **Integrated Hard IP:**
* One I2C hard core.
* One SPI hard core.
* One Timer/Counter.
* **Clock Management:** 1 on-chip Phase-Locked Loop (PLL).
---
### 3. Functional Features
The LCMXO2-2000HC is distinguished by several architectural advantages:
#### Non-Volatile "Instant-On"
Unlike SRAM-based FPGAs that require an external SPI Flash to load their configuration on power-up, this chip has **on-chip Flash**. This allows the device to become active in milliseconds and eliminates the need for an external configuration PROM.
#### Low Power Consumption
The "HC" series is designed for power efficiency, supporting "Sleep Mode" to extend battery life in portable applications while maintaining the internal state.
#### Flexible I/O
The I/O pins support various standards (LVCMOS, LVTTL, LVDS, etc.) and feature programmable drive strength, slew rate control, and internal pull-up/pull-down resistors.
---
### 4. Common Applications
Due to its small footprint and logic capacity, it is frequently found in:
1. **System Control:** Power sequencing, reset generation, and status monitoring.
2. **Interface Bridging:** Converting signals between different formats (e.g., I2C to SPI, or UART to parallel).
3. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
4. **Display Drivers:** Driving simple character or segment LCDs.
- ⤷
What is the difference between the 'HC' and 'ZE' versions of the MachXO2 series?
- ⤷ Which software tool is required to program and compile code for the LCMXO2-2000HC?
- ⤷ Can this FPGA be programmed via JTAG or I2C?