AI

The **LCMXO2-2000HC-5FTG256C** is a non-volatile Field Programmable Gate Array (FPGA) from the **MachXO2** family, manufactured by Lattice Semiconductor. This specific series is widely used for system control, interface bridging, and power management due to its low power consumption and high integration.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:--- |:--- |
| **Logic Cells (LUTs)** | 2,112 Look-Up Tables |
| **User I/O Count** | 206 I/O pins |
| **Package** | FTBGA-256 (Fine-Pitch Thin BGA) |
| **Voltage Supply (Core)** | 2.375V to 3.465V (HC Series) |
| **Speed Grade** | -5 (Standard high performance) |
| **Embedded RAM** | 74 Kbits (EBR) |
| **Flash Memory** | User Flash Memory (UFM) included |
| **Operating Temperature** | 0°C to 85°C (Commercial Grade) |
---
### 2. Core Architecture Features
The MachXO2 architecture is designed to provide "instant-on" capability, meaning the device initializes immediately upon power-up without needing an external configuration memory.
* **Look-Up Tables (LUT4):** The logic fabric is based on 4-input LUTs, which provide flexible logic implementation.
* **Embedded Function Blocks (EFB):** It contains hardened IP blocks for common functions, saving logic cells:
* **I2C / SPI Interfaces:** Hardware-based serial communication.
* **Timer/Counters:** 16-bit hardware timers.
* **PLL (Phase Locked Loop):** For clock frequency synthesis and distribution.
* **Non-Volatile Configuration:** Uses on-chip Flash memory to store the configuration bitstream, eliminating the need for an external PROM.
---
### 3. Pinout and Physical Characteristics
The **256-ball FTG256** package is a space-efficient BGA (Ball Grid Array) with a 1.0mm pitch.
* **Banked I/O:** The I/Os are organized into multiple banks, allowing different banks to support different voltage standards (e.g., 1.8V, 2.5V, or 3.3V) simultaneously.
* **Differential Signaling:** Supports LVDS (Low-Voltage Differential Signaling) for high-speed data transmission.
* **Thermal Efficiency:** The BGA package provides good thermal dissipation compared to leaded packages like TQFP.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Prefix | Density | Voltage | Speed | Package | Pins | Grade |
|:--- |:--- |:--- |:--- |:--- |:--- |:--- |
| **LCMXO2** | **2000** | **HC** | **-5** | **FTG** | **256** | **C** |
| MachXO2 | ~2000 LUTs | High Vcc (2.5/3.3V) | Speed Rank | FTBGA (Lead-Free) | Ball Count | Commercial |
---
### 5. Common Applications
* **I/O Expansion:** Adding more GPIOs to a microcontroller.
* **Interface Bridging:** Converting signals (e.g., I2C to Parallel, or SPI to UART).
* **System Control:** Power sequencing, reset generation, and Glue Logic.
* **Display Driving:** Driving small character or graphic LCD modules.
- ⤷What are the power consumption characteristics of the HC versus the ZE series?
- ⤷ How do I program this FPGA using Lattice Diamond software?
- ⤷ What are the advantages of using 'Instant-on' FPGAs in industrial designs?