AI

The **LCMXO2-2000HC-6FTG256C** is a non-volatile Field Programmable Gate Array (FPGA) belonging to the **MachXO2** family from Lattice Semiconductor. It is designed for low-power, instant-on applications, often used for system control, interface bridging, and power management.
---
## 1. Core Technical Specifications
The internal architecture combines the flexibility of an FPGA with the low-cost and ease of use of a CPLD.
| Feature | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 2,112 |
| **User I/O Count** | 206 I/Os |
| **Embedded Block RAM (EBR)** | 74 Kbits |
| **User Flash Memory** | 64 Kbits |
| **Supply Voltage (Core)** | 2.5V to 3.3V (HC Series) |
| **Operating Temperature** | 0°C to 85°C (Commercial Grade) |
| **Package Type** | FTBGA-256 (17mm x 17mm, 1.0mm pitch) |
| **Speed Grade** | -6 (Standard performance) |
---
## 2. Key Internal Components
### A. Logic Fabric
The device uses **Look-Up Tables (LUT4)** to implement combinatorial logic. Because it has roughly 2,000 LUTs, it is considered a "small-form" FPGA, ideal for glue logic rather than heavy digital signal processing.
### B. Configuration Flash
Unlike high-end FPGAs that require an external SPI Flash to load code upon power-up, the MachXO2 has **on-chip Flash memory**.
- **Instant-on:** It configures itself in milliseconds.
- **Security:** Since the bitstream is stored internally, it is harder to intercept or clone.
### C. Hardened IP Cores
To save logic cells for the user, the chip includes dedicated hardware (hardened IP) for common functions:
- **I2C and SPI Controllers:** Dedicated hardware interfaces.
- **Timer/Counters:** Built-in 16-bit timers.
- **PLL (Phase Locked Loop):** One PLL is available for frequency synthesis and clock management.
---
## 3. Part Number Decoder
Understanding the suffix helps in sourcing and hardware design:
| Suffix | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Product Family |
| **2000** | Density (Approx. 2000 Logic Cells) |
| **HC** | High Voltage Core (2.5V / 3.3V) |
| **6** | Speed Grade (higher number is faster in Lattice naming) |
| **FTG256** | 256-ball Fine-pitch Thin BGA (Lead-Free/RoHS) |
| **C** | Commercial Temperature Range |
---
## 4. Typical Use Cases
* **System Control:** Managing power-up sequences for larger CPUs or SoCs.
* **I/O Expansion:** Adding more GPIOs to a microcontroller via SPI or I2C.
* **Interface Bridging:** Converting signals between different standards (e.g., LVCMOS to LVDS).
* **Display Driving:** Driving small character or graphic LCDs.
- ⤷
What are the power consumption characteristics of the MachXO2 family?
- ⤷ Which software is required to program the LCMXO2-2000HC?
- ⤷ What is the difference between the HC and ZE variants of this chip?