AI

The **LCMXO2-2000HC-6TG100C** is a low-power, non-volatile FPGA (Field Programmable Gate Array) belonging to the **MachXO2** family developed by Lattice Semiconductor. It is widely used in bridge logic, system control, and interface expansion applications.
---
### 1. Key Technical Specifications
The part number can be decoded to understand its specific electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Logic Cells** | 2,112 LUTs | The primary programmable logic resource. |
| **User I/O** | 79 Pins | Number of programmable input/output pins. |
| **Package** | TQFP-100 | Thin Quad Flat Pack with 100 pins (0.5mm pitch). |
| **Speed Grade** | -6 | Standard performance (higher number is faster in this series). |
| **Voltage Supply** | 2.5V to 3.3V | Operates on standard high-performance rails. |
| **Memory** | 75 Kbits | Total Embedded Block RAM (EBR). |
| **Flash Memory** | 64 Kbits | User Flash Memory (UFM) for non-volatile storage. |
---
### 2. Internal Architecture Components
This chip integrates several fixed-function blocks alongside programmable logic to reduce the need for external components:
* **Hardened IP Blocks:** Includes dedicated circuits for **I2C, SPI, and Timer/Counters**. This saves programmable logic cells for other tasks.
* **PLL (Phase-Locked Loop):** One internal PLL is available for clock frequency synthesis and skew management.
* **Non-Volatile Configuration:** Unlike many FPGAs that require an external PROM/Flash chip to load code at boot, this device has **on-chip Flash memory**. It is "instant-on."
* **FlashBAK Technology:** Supports "Background Programming," allowing the device to be updated while it is still operating.
---
### 3. Application Use Cases
Due to its small form factor and low power consumption, it is commonly found in:
1. **Interface Bridging:** Converting signals between different standards (e.g., I2C to parallel, or LVDS to CMOS).
2. **Power Sequencing:** Managing the power-up/down timing of complex SoCs and CPUs on a PCB.
3. **GPIO Expansion:** Adding extra I/O ports to microcontrollers that have run out of pins.
4. **Display Driving:** Handling timing signals for small LCD or OLED screens.
---
### 4. Part Number Breakdown
| Prefix | Family | Density | Voltage | Speed | Package | Temperature |
| :--- | :--- | :--- | :--- | :--- | :--- | :--- |
| **LCMXO2** | MachXO2 | **2000** LUTs | **HC** (High Cap/3.3V) | **6** (Speed) | **TG100** (TQFP 100) | **C** (Commercial) |
- ⤷
What is the power consumption of this FPGA in standby mode?
- ⤷ Which software tool is used to program the MachXO2 series?
- ⤷ Does this model support differential signaling like LVDS?