AI

The **LCMXO2-2000HC-6TG144C** is a non-volatile, low-power FPGA (Field Programmable Gate Array) from the **MachXO2** family, manufactured by Lattice Semiconductor. This specific part is widely used in bridge logic, system control, and interface expansion.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the chip's electrical characteristics:
| Code Segment | Description |
| :--- | :--- |
| **LCMXO2** | MachXO2 Product Family |
| **2000** | Density: Approximately 2112 Look-Up Tables (LUTs) |
| **HC** | High Performance / 2.5V to 3.3V Operation |
| **6** | Speed Grade (higher is faster, 6 is standard high speed) |
| **TG144** | Package Type: 144-pin TQFP (Thin Quad Flat Pack) |
| **C** | Grade: Commercial Temperature (0°C to 85°C) |
---
### 2. Key Internal Components
The LCMXO2 series is unique because it blends features of both CPLDs (instant-on, non-volatile) and FPGAs (high density, flexible routing).
#### A. Logic Architecture
* **LUTs (Look-Up Tables):** 2112 LUT4 units provide the combinatorial logic capacity.
* **Flash Memory:** It features on-chip "User Flash Memory" (UFM) for storing configuration data or small amounts of user data, eliminating the need for an external boot PROM.
* **Embedded RAM:** Includes dedicated Block RAM (EBR) for data buffering and FIFO operations.
#### B. Clocking and I/O
* **PLLs:** Includes 1 Phase-Locked Loop for frequency synthesis and clock management.
* **I/O Count:** 111 User I/Os available on the 144-pin package.
* **Hardened IP:** Includes dedicated "Hardened" I2C, SPI, and Timer/Counter blocks. This saves LUT resources because these common functions are built directly into the silicon.
---
### 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Core Voltage (Vcc)** | 2.5V to 3.3V |
| **Number of LUTs** | 2,112 |
| **Distributed RAM** | 16 Kbits |
| **EBR (Block RAM)** | 72 Kbits |
| **User Flash Memory** | 64 Kbits |
| **Maximum I/O Pins** | 111 |
| **Package Dimensions** | 20mm x 20mm (0.5mm lead pitch) |
---
### 4. Typical Applications
Due to its low power consumption and "instant-on" capability (it starts working microseconds after power-up), it is commonly found in:
1. **System Reset & Sequencing:** Managing power rails for larger CPUs/SoCs.
2. **Bus Bridging:** Converting signals between different protocols (e.g., I2C to SPI, or LVDS to CMOS).
3. **IO Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
4. **Display Driving:** Handling small character or graphic LCD interfaces.
- ⤷
What are the power consumption profiles for the MachXO2 HC series?
- ⤷ How does the 'Instant-on' feature compare to standard SRAM-based FPGAs?
- ⤷ Which software tools are required to program the LCMXO2-2000HC?