AI

The **LCMXO2-256HC-4TG100I** is a member of the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are often categorized as "bridging" FPGAs because they combine the flexibility of an FPGA with the low cost and instant-on features of a CPLD (Complex Programmable Logic Device).
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 256 Look-Up Tables |
| **User I/O Count** | 78 I/Os |
| **Package** | TQFP-100 (Thin Quad Flat Pack) |
| **Speed Grade** | -4 (Standard speed) |
| **Operating Voltage** | 2.5V to 3.3V (Core) |
| **Internal RAM** | 0 Kb (EBR), utilizes Distributed RAM only |
| **Flash Memory** | On-chip Non-volatile Configuration Memory (NVCM) |
| **Temperature Range** | Industrial (-40°C to 100°C) |
---
### ### Key Electronic Components & Architecture
1. **Look-Up Tables (LUT4):**
The core consists of 256 logic elements. Each element is a 4-input LUT capable of implementing any logic function. Because the count is low (256), this chip is primarily used for glue logic, state machines, and I/O expansion rather than heavy data processing.
2. **Instant-On Flash Technology:**
Unlike high-end FPGAs that require an external SPI Flash to load their configuration at power-up, the MachXO2 stores its configuration in internal Flash. It is "ready to run" in microseconds.
3. **Hardened IP Blocks:**
Despite its small size, it includes dedicated hardware (Hardened IP) for common functions, which saves logic cells for other tasks:
* **I2C Interfaces:** Support for Master/Slave.
* **SPI Interfaces:** Dedicated circuitry for serial communication.
* **Timer/Counters:** Built-in hardware timers.
4. **I/O Bank Flexibility:**
The 78 available I/Os are organized into banks. They support various standards such as LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V), LVTTL, and differential signaling like LVDS (Low Voltage Differential Signaling).
---
### ### Typical Use Cases
* **Power Sequencing:** Controlling the power-up order of different rails on a complex PCB.
* **I/O Expansion:** Adding extra GPIOs, I2C, or UART ports to a microcontroller that has run out of pins.
* **Signal Level Shifting:** Bridging communication between components operating at different voltages (e.g., 1.8V to 3.3V).
* **Simple Display Controllers:** Driving small character LCDs or LED matrices.
---
### ### Sample Pinout/Connection Logic
In a TQFP-100 package, pins are distributed around the four sides of the chip.
```c
// Example: Verilog code snippet for a simple LED blinker on this FPGA
module blink (input clk, output reg led);
reg [23:0] counter;
always @(posedge clk) begin
counter <= counter + 1;
if (counter == 24'd12000000) begin
led <= ~led;
counter <= 0;
end
end
endmodule
```
- ⤷What are the differences between the HC and ZE variants of MachXO2?
- ⤷ How does the non-volatile configuration memory (NVCM) improve system security?
- ⤷ Can this FPGA be programmed using the Lattice Diamond software?