AI

The **LCMXO2-256HC-5TG100I** is a member of the **MachXO2** family developed by **Lattice Semiconductor**. It is a low-power, instant-on FPGA (Field Programmable Gate Array) designed for system control, interface bridging, and power management applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 256 |
| **User I/O Count** | 78 Pins |
| **Package Type** | TQFP-100 (Thin Quad Flat Pack) |
| **Voltage Supply (Internal)** | 2.375V to 3.465V |
| **Operating Temperature** | -40°C to 100°C (Industrial Grade) |
| **Speed Grade** | -5 (High speed) |
| **Non-Volatile Memory** | Flash-based (Instant-on configuration) |
---
### 2. Functional Architecture
The MachXO2 architecture is unique because it bridges the gap between a CPLD (Complex Programmable Logic Device) and an FPGA.
* **Embedded Flash:** Unlike high-end FPGAs that require an external PROM to load code upon power-up, this chip stores its configuration internally. It boots in microseconds.
* **Hardened IP Blocks:** It includes dedicated hardware blocks for **I2C, SPI, and Timer/Counters**, which saves logic cells for other custom tasks.
* **Low Power Consumption:** Designed for static power consumption as low as microwatts, making it suitable for battery-operated devices.
---
### 3. Part Number Breakdown
Understanding the suffix codes helps identify the exact variant:
| Code Segment | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Product Family |
| **256** | Density (256 Look-Up Tables/Logic Cells) |
| **HC** | High Performance / High Voltage (2.5V/3.3V VCC) |
| **5** | Speed Grade (Scale of 4 to 6, where 6 is fastest) |
| **TG100** | TQFP Package, 100-pin count |
| **I** | Industrial Temperature Grade |
---
### 4. Common Applications
Due to its small logic density and high I/O count, this part is frequently used for:
1. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.8V to 3.3V).
2. **Power Sequencing:** Managing the order in which power rails turn on in a complex PCB.
3. **Bus Expansion:** Adding extra GPIOs, UARTs, or I2C ports to a microcontroller.
4. **Glue Logic:** Replacing multiple small 74-series logic chips to save board space.
- ⤷What is the difference between the HC and ZE variants of MachXO2?
- ⤷ Which software tools are required to program the LCMXO2-256HC?
- ⤷ How does the 'Instant-on' feature compare to SRAM-based FPGAs?