AI

The **LCMXO2-256UHC-1FG484ITRES** belongs to the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are designed for low-power, instant-on system applications such as interface bridging, I/O expansion, and power management.
---
### ## 1. Part Number Breakdown
To understand the specific capabilities of this component, we can decode the alphanumeric string:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Bridging & I/O expansion) |
| **256** | Look-Up Tables (LUTs) | 256 Density (Entry-level density) |
| **UHC** | Voltage/Power | Ultra High Performance (1.2V Core) |
| **1** | Speed Grade | Grade 1 (Standard speed) |
| **FG484** | Package Type | 484-ball fpBGA (Fine Pitch Ball Grid Array) |
| **I** | Temperature Grade | Industrial Grade (-40°C to +100°C) |
| **TRES** | Special Code | Typically refers to Tape & Reel or specific Engineering Silicon status |
---
### ## 2. Core Technical Specifications
Despite its low logic density, the MachXO2 architecture provides several high-integration features:
* **Logic Cells:** 256 LUT4s.
* **User I/O:** High I/O count relative to logic (Up to 334 pins depending on configuration).
* **Embedded Flash:** Non-volatile configuration memory (NVCM) allows the chip to be "Instant-on."
* **Hardened IP:** Includes dedicated circuits for **I2C, SPI, and Timer/Counters**, saving logic cells for other tasks.
* **RAM:** 2 Kbits of Distributed RAM.
* **Power Consumption:** Ultra-low static power, ideal for battery-operated devices.
---
### ## 3. Key Electronic Features
#### Internal Oscillator
The device includes an internal oscillator, removing the need for an external clock source for simple state machines or basic timing functions.
#### WISHBONE Bus Support
It features a hardened interface to the WISHBONE bus, allowing easy integration of system-on-chip (SoC) peripherals.
#### Flexible I/O Standards
The FG484 package supports a wide range of I/O standards:
* LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V)
* LVTTL
* Differential signaling (LVDS, Bus-LVDS, MLVDS)
---
### ## 4. Common Applications
Due to its small logic size but high pin count, this part is typically used for:
1. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
2. **Interface Bridging:** Converting signals between different voltage levels or protocols (e.g., I2C to Parallel).
3. **Power Sequencing:** Managing the power-up order of complex PCBs.
4. **Control Logic:** Simple glue logic to connect various ICs on a motherboard.
---
- ⤷
What is the difference between the MachXO2 and MachXO3 families?
- ⤷ How do I program the internal Flash on this specific FPGA?
- ⤷ Can this part handle high-speed LVDS communication?